Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-512DW Datasheet(PDF) 3 Page - Rohm

Part # SML-512DW
Description  Original device technology enables high brightness and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-512DW Datasheet(HTML) 3 Page - Rohm

  SML-512DW Datasheet HTML 1Page - Rohm SML-512DW Datasheet HTML 2Page - Rohm SML-512DW Datasheet HTML 3Page - Rohm SML-512DW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SML-51 Series
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250
Mini-mold
Chip LEDs
1608
0.55
SML-512VW
SML-511UW
SML-512UW
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250
Mini-mold
Chip LEDs
1608
0.55
SML-511DW
SML-512DW
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250
Mini-mold
Chip LEDs
1608
0.55
SML-512MW
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
2.2 to 3.6 3.6 to 5.6 5.6 to 9.0
9 to 14
14 to 22
22 to 36
36 to 56
56 to 90 90 to 140 140 to 220
Mini-mold
Chip LEDs
1608
0.55
SML-512BC5T
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16
16 to 25
25 to 40
40 to 63 63 to 100 100 to 160 160 to 250
Mini-mold
Chip LEDs
1608
0.55
SML-511WW
SML-512WW
Orange (D)
Yellow (W)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Green (M)
Blue (B)
SML-512(A)
※Brightness on specification sheet include tolerance of within ±10%.
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=5mA)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
AE
AF
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
5.6 to 7.1 7.1 to 9.0 9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56
56 to 71
71 to 90 90 to 112 112 to 140 140 to 180 180 to 224
Mini-mold
Chip LEDs
1608
0.55
SML-512VW(A)
SML-512CW(A)
SML-512PW(A)
*Please note that the brightness of some products may fall between ranks (half rank).
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L
5 1 2 V 8 T
P
T 8 6 A
Special Code will be applied for
Emitting color W/B/E series.
(Special Code)
“−” will be taken out for
emitting color B series.
Series name
Package type
Chip Type
Emitting Color Resin Color
Taping Specifications
Rank sign (Brightness Rank)∗
V
U
1 Low Current Type
2 High Brightness Type
D
W
M
P
B
T86
T87
1
T Transparent Colorless
Cathode at sprocket hole side
For white LED, cathode at sprocket hole side
Reverse of T86
W MilkyWhite
Red:630nm
Red:620nm
Orange:605nm
C Orange:603nm
Yellow:590nm
Yellowish-Green:572nm
Green:560nm
Blue:470nm
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-512DW

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-512DW ROHM-SML-512DW Datasheet
75Kb / 3P
   Ultra high brightness chip LEDs
logo
List of Unclassifed Man...
SML-512DW ETC1-SML-512DW Datasheet
106Kb / 2P
   LEDs, Surface Mount
logo
Rohm
SML-512DW ROHM-SML-512DW Datasheet
134Kb / 3P
   High Brightness Type
SML-512DW ROHM-SML-512DW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-512DW ROHM-SML-512DW Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com