Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68882DESC03XA Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS68882DESC03XA
Description  CMOS Enhanced Floating-point Co-processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68882DESC03XA Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS68882DESC03XA Datasheet HTML 6Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 7Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 8Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 9Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 10Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 11Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 12Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 13Page - ATMEL Corporation TS68882DESC03XA Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
10
TS68882
2119A–HIREL–04/02
Notes:
1. Test load, see Figure 5.
2. Capacitance is periodically sampled rather than 100% tested.
Dynamic (Switching)
Characteristics
The limits and values given in this section apply over the full case temperature range -
55°C to +125°C and V
CC in the range 4.5V to 5.5V, See “AC Electrical Specification Def-
initions” on page 13.
The numbers (N°) refer to the timing diagrams. See Figure 4, Figure 6, Figure 7, Figure
8 and Figure 9.
Figure 4. Clock Input Timing Diagram
Note:
Timing measurements are referenced to and from a low voltage of 0.8V and a high volt-
age of 2.0V, unless otherwise noted. The voltage swing through this range should start
outside, and pass through, the range such that the rise of fall will be linear between 0.8V
and 2.0V.
ICC
Maximum Supply Current (VCC =5.5V; CLK = fmax; part in Reset)
136
mA
Cin
Capacitance (VIN =0, TA =25°C, f = 1MHz)
(2)
20
pF
C
L
Output Load Capacitance
130
pF
Table 5. Static Characteristics
VCC =5.0 VDC ±10%; GND = 0 VDC;Tc = -55/+125°C or -40/+85°C
Symbol
Parameter
Min
Max
Unit
Table 6. AC Electrical Characteristics - Clock Input
VCC =5.0 VDC ± 10%; GND = 0 VDC; Tc = -55°Cto+125°C(see Figure4)
Parameter
16.67 MHz
20 MHz
25 MHz
33.33 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Frequency of Operation
8
16.67
12.5
20
12.5
25
16.7
33.33
MHz
1
Clck Time
60
125
50
80
40
80
30
60
ns
2, 3
Clock Pulse Width
24
95
20
54
15
59
14
66
ns
4, 5
Rise and Fall Times
5543
ns


Similar Part No. - TS68882DESC03XA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68882DESC03XA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com