Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR006YRTF100 Datasheet(PDF) 3 Page - Rohm

Part # MCR006YRTF100
Description  Thick Film Chip Resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR006YRTF100 Datasheet(HTML) 3 Page - Rohm

  MCR006YRTF100 Datasheet HTML 1Page - Rohm MCR006YRTF100 Datasheet HTML 2Page - Rohm MCR006YRTF100 Datasheet HTML 3Page - Rohm MCR006YRTF100 Datasheet HTML 4Page - Rohm MCR006YRTF100 Datasheet HTML 5Page - Rohm MCR006YRTF100 Datasheet HTML 6Page - Rohm MCR006YRTF100 Datasheet HTML 7Page - Rohm MCR006YRTF100 Datasheet HTML 8Page - Rohm MCR006YRTF100 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/11
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Data Sheet
MCR series < General Purpose >
Dimensions
Part No.
Type Code
A
MCR004
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
YZP,RZP
0.2
YRT
MRT
ERT
ERT
ERT
JZH
JZH
JZH
0.3
0.5
1.0
1.2
2.2
2.2
3.8
5.1
B
0.4
0.84
1.3
2.0
2.6
4.0
4.0
6.0
8.1
C
0.16
0.3
0.5
0.8
1.15
1.5
2.3
2.3
3.0
D
0.1
0.27
0.4
0.5
0.7
0.9
0.9
1.1
1.5
(Unit : mm)
Chip Resistor Dimensions and Markings
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and “R”is used for the decimal point.
Part No.
Type Code
(mm)
(inch)
L
W
t
a
b
Marking
existence
(Unit : mm)
MCR004
YZP,RZP
0402
01005
0.4
±0.02
0.2
±0.02
0.13
±0.02
0.1
±0.03
0.1
±0.03
No
MCR006
YRT
0603
0201
0.6
±0.03
0.3
±0.03
0.23
±0.03
0.15
±0.05
0.15
±0.05
No
MCR01
MRT
1005
0402
1.0
±0.05
0.5
±0.05
0.35
±0.05
0.2
±0.1
No
MCR03
ERT
1608
0603
1.6
±0.1
0.8
±0.1
0.45
±0.1
0.3
±0.2
0.3
±0.2
Yes
MCR10
ERT
2012
0805
2.0
±0.1
1.25
±0.1
0.5
±0.1
0.35
±0.2
0.35
±0.2
Yes
MCR18
ERT
3216
1206
3.05
±0.15
1.55
±0.15
0.55
±0.1
0.45
±0.25
0.35
±0.25
Yes
MCR25
JZH
3225
1210
3.2
±0.15
2.5
±0.15
0.55
±0.15
0.5
±0.25
0.5
±0.25
Yes
MCR50
JZH
5025
2010
5.0
±0.15
2.5
±0.15
0.55
±0.15
0.6
±0.25
0.6
±0.25
Yes
MCR100
JZH
6432
2512
6.3
±0.15
3.2
±0.15
0.55
±0.15
0.6
±0.25
0.6
±0.25
Yes
0.25 +
0.05
−0.1
Marking method of jumper type
Jumper type
Marking existence
No
Yes
MCR004 / 006 / 01 / 25 / 50 / 100
MCR03 / 10 / 18
Marking method of MCR03
The description of markings on the chip resistor are as shown below.
① Marking method (J class):
The nominal resistance is expressed in by E-24series 3 digits.
The first 2 digits apply to the resistance value and the last one indicates
the number of zeros to follow.
The R is used as a decimal point.
Example:100k
= 104
② Marking method (F/D class):
・For the resistance value contained in E96 series.
The nominal resistance is expressed in 3 digits.
The first 2 digits is
symbol to the resistance value and the last one is symbol to multipliers.
Example : 100k
= 01d
(01d
100×10
3 = 100,000= 100k)
Example : 3.01k
= 47b
(47b
301×10
1 = 3010= 3.01k)
・For the resistance value not contained in E96 series and contained
in E-24 series.
The marking is expressed by E-24 series in 3 digits and one short bar
under the last marking letter.
Example : 390
= 391
Land pattern Example
B
D
A
Land
C
Symbol for E96 Series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
Symbol for multipliers
Symbol
A
b
C
d
E
F
X
Y
multipliers
100
101
102
103
104
105
10−1
10−2
b
bb
103
L
L
W
W
t
t
a
aa
MCR004 / 006 / 01 / 03
MCR10 / 18 / 25 / 50 / 100


Similar Part No. - MCR006YRTF100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR006YRTF100 ROHM-MCR006YRTF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR006YRTF100 ROHM-MCR006YRTF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006YRTF100 ROHM-MCR006YRTF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006YRTF100 ROHM-MCR006YRTF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006YRTF100 ROHM-MCR006YRTF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR006YRTF100

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com