Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXO-HC32 Datasheet(PDF) 7 Page - Fox Electronics

Part # FXO-HC32
Description  HCMOS 3.2 x 2.5mm 2.5V Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC32 Datasheet(HTML) 7 Page - Fox Electronics

Back Button FXO-HC32 Datasheet HTML 3Page - Fox Electronics FXO-HC32 Datasheet HTML 4Page - Fox Electronics FXO-HC32 Datasheet HTML 5Page - Fox Electronics FXO-HC32 Datasheet HTML 6Page - Fox Electronics FXO-HC32 Datasheet HTML 7Page - Fox Electronics FXO-HC32 Datasheet HTML 8Page - Fox Electronics FXO-HC32 Datasheet HTML 9Page - Fox Electronics FXO-HC32 Datasheet HTML 10Page - Fox Electronics FXO-HC32 Datasheet HTML 11Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FXO-HC32
Series
Page 7 of 24
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
DWG-5053
Mechanical Dimensional Drawing & Pad Layout
Actual part marking
is depicted.
See Traceability (pg. 8)
for more information
Drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary
# 1 E / D
# 2 GND
# 3 Output
# 4 VDD
Pin Connections
1
2
3
4
TP
NC
TP
NC
Side View
Bottom View
End View
1
2
3
4
3.2 x 2.5 XpressO
3.3 Max
2.6 Max
1.0 Max
0.35
1.0 Max
0.90
0.50
0.90
0.70
HCMOS
1.00
1.40
1.20
0.50
TP
NC
TP
NC
Recommended
Solder Pad Layout
1
Note: XpressO HCMOS XO's are designed
to fit on industry standard, 4 pad layouts.
XPRESSO


Similar Part No. - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
More results

Similar Description - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
   LVDS 3.2 x 2.5mm 2.5V Oscillator
logo
Advanced Crystal Techno...
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
   Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
   32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
   HCMOS TCXO 3.2 x 2.5mm SMD
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
Fox Electronics
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
   LVDS 3.2 x 2.5mm 3.3V Oscillator
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
   HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
   HCMOS 7 x 5mm 2.5V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com