Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C08AN-10SU-1.8 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C08AN-10SU-1.8
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08AN-10SU-1.8 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C08AN-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation AT24C08AN-10SU-1.8 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an exter-
nal device. Data on the SDA pin may change only during SCL low time periods (see
Figure 4 on page 7). Data changes during SCL high periods will indicate a start or stop
condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition
which must precede any other command (see Figure 5 on page 8).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition.
After a read sequence, the stop command will place the EEPROM in a standby power
mode (see Figure 5 on page 8).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the
EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has
received each word. This happens during the ninth clock cycle.
STANDBY MODE: The AT24C01A/02/04/08A/16A features a low-power standby mode
which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the
completion of any internal operations.
MEMORY RESET: After an interruption in protocol, power loss or system reset, any 2-
wire part can be reset by following these steps:
1.
Clock up to 9 cycles.
2.
Look for SDA high in each cycle while SCL is high.
3.
Create a start condition.


Similar Part No. - AT24C08AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08AN-10SU-1.8 ATMEL-AT24C08AN-10SU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C08AN-10SU-1.8 ATMEL-AT24C08AN-10SU-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C08AN-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com