Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA1042V Datasheet(PDF) 5 Page - Motorola, Inc

Part # SAA1042V
Description  STEPPER MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SAA1042V Datasheet(HTML) 5 Page - Motorola, Inc

  SAA1042V Datasheet HTML 1Page - Motorola, Inc SAA1042V Datasheet HTML 2Page - Motorola, Inc SAA1042V Datasheet HTML 3Page - Motorola, Inc SAA1042V Datasheet HTML 4Page - Motorola, Inc SAA1042V Datasheet HTML 5Page - Motorola, Inc SAA1042V Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAA1042
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Typical Application
Selectable Step Rates with the Time Base Derived from the Line Frequency
220 k
Set Input
RB
56 k
Steps/Sec
3
5
1
0.1
µF
50 Hz
220 V
15
14
Phase
Comp
MC14046B
16
12 V
VCO
4
7
6
11
9
2
82 k
8.2
µF
4.7 nF
120 k
f0 = 1400 Hz
12.5
25
50
100
200
400
800
1
2
7 12
5
9
6
11
4
3
14
5
3
Set
MC14007
VZ = 3.9 V
12 V
12 V
CW
CCW
Full
Half
Clock
12 V
8
7
10
9
6
14
16
1
3
2
15
11
M
L
L
Figure 8. Thermal Resistance and Maximum Power
Dissipation versus P.C.B. Copper Length
PD(max) for TA = 70°C
R
θJA
3.0 mm
1.0
0
2.0 oz
Copper
2.0
10
20
30
40
50
Graph represents symmetrical layout
Printed circuit board heatsink example
0
3.0
4.0
5.0
L, LENGTH OF COPPER (mm)
100
80
60
40
20
0


Similar Part No. - SAA1042V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA1044 ETC1-SAA1044 Datasheet
368Kb / 7P
   SUBCARRIER COUPLER
SAA1044T ETC1-SAA1044T Datasheet
368Kb / 7P
   SUBCARRIER COUPLER
More results

Similar Description - SAA1042V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com