Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68C429AVR Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS68C429AVR
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AVR Datasheet(HTML) 1 Page - ATMEL Corporation

  TS68C429AVR Datasheet HTML 1Page - ATMEL Corporation TS68C429AVR Datasheet HTML 2Page - ATMEL Corporation TS68C429AVR Datasheet HTML 3Page - ATMEL Corporation TS68C429AVR Datasheet HTML 4Page - ATMEL Corporation TS68C429AVR Datasheet HTML 5Page - ATMEL Corporation TS68C429AVR Datasheet HTML 6Page - ATMEL Corporation TS68C429AVR Datasheet HTML 7Page - ATMEL Corporation TS68C429AVR Datasheet HTML 8Page - ATMEL Corporation TS68C429AVR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
Features
8 Independent Receivers (Rx)
3 Independent Transmitters (Tx)
Full TS68K Family Microprocessor Interface Compatibility
16-bit Data-bus
ARINC 429 Interface: “1” and “0” Lines, RZ Code
Support all ARINC 429 Data Rate Transfer and up to 2.5 Mbit/s
Multi Label Capability
Parity Control: Odd, Even, No Parity, Interrupt Capability
Independent Programmable Frequency for Rx and Tx Channels
8 Messages FIFO per Tx Channel
Independent Interrupt Request Line for Rx and Tx Functions
Vectored Interrupts
Daisy Chain Capability
Direct Addressing of all Registers
Test Modes Capability
20 MHz Operating Frequency
Self-test Capability for Receiver Label Memories and Transmit FiFO
Low Power: 400 mW
Description
The TS68C429A is an ARINC 429 controller. It is an enhanced version of the EF 4442
and it is designed to be connected to the new 16- or 32-bit microprocessors, espe-
cially these of the Atmel TS68K family.
Screening
MIL-STD-883, class B
DESC Drawing 5962-955180
Atmel
Standards
Application Note
A detailed application note is available “AN 68C429A” on request.
R suffix
PGA 84
Ceramic Pin Grid Array
F suffix
CQFP 132
Ceramic Quad Flat Pack
CMOS
ARINC 429
Multichannel
Receiver/
Transmitter
(MRT)
TS68C429A
Rev. 2120A–HIREL–08/02


Similar Part No. - TS68C429AVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429A ETC2-TS68C429A Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

Similar Description - TS68C429AVR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com