Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2510B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U2510B
Description  All-Band AM/FM Receiver and Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2510B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U2510B Datasheet HTML 5Page - ATMEL Corporation U2510B Datasheet HTML 6Page - ATMEL Corporation U2510B Datasheet HTML 7Page - ATMEL Corporation U2510B Datasheet HTML 8Page - ATMEL Corporation U2510B Datasheet HTML 9Page - ATMEL Corporation U2510B Datasheet HTML 10Page - ATMEL Corporation U2510B Datasheet HTML 11Page - ATMEL Corporation U2510B Datasheet HTML 12Page - ATMEL Corporation U2510B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
U2510B
Rev. A3, 23-Feb-01
9 (15)
Test Circuit
14
15
16
17
18
U2510B
19
20
21
22
13
12
11
10
9
8
7
23
24
25
26
27
28
65
43
2
1
4.7
µF
18 pF
C
24
100
pF
C
25
C
8
68 nF
C
23
150 kΩ
R
3
S
6
A
B
C
T
4
S
4
A
B
S
5
A
B
T
2
22 pF
C
5
18 pF
C
4
2.2 k
R
4
L
2
22 pF
C
3
L
1
43 pF
C
2
150
µH
L
A
5.6 pF
C
19
4.7
µF
C
7
C
6
22 nF
22 nF
C
20
455 kHz
CF
1
AM IFT
BA
BA
S
1
CF
2
10.7 MHz
150
R
5
C
24
100 nF
R
6
100
C
25
10 nF
R
7
75
R
8
50
T
1
V
i1
(50
Ω)
V
i2
(50
Ω)
C
22
10 nF
LED
D
1
A
B
off
S
3
C
9
10 nF
R
1
390
R
2
10 k
FM
AM
Tape
S
2
C
21
10 nF
3 k
R
9
V
iIF
I
LED
100 nF 10
µF
C
14
C
10
10 nF
C
11
V
D
V
i3
C
12
470
µF
C
13
10
µF
8 Ω/
2 W
R
L
V
S
V
o
GND
220
µF
C
15
V
mute
13913
Figure 16. Test circuit
Application
General
The U2510B is a bipolar monolithic IC for use in radio
sets, for example, headphone receivers, radio recorders
and clock radios. The IC contains all AM, FM, AF and
switching function blocks necessary to construct these
kinds of radio receivers using only few components
around the IC. In the design, special efforts were made to
get good performance for all AM bands (short and long
wave).
The implementation of enhanced functions (options)
makes it possible to improve the radio’s performance and
to produce radios with interesting features. In this case
few (external) parts have to be changed or added. By
using all or some of the options offered by the U2510B
different types or classes of radios can be designed to the
customer ’s requirements with the same IC.
One of the general advantages of using the U2510B is the
fact that all receiver functions (including the options) are
integrated and tested on a system level. Therefore, two
additional cost-savings are achieved by:
1.
Shorter development time through less technical
problems and
2.
Higher reproductivity and low reject level in the set
production line.
Another advantage, due to the technology of the
U2510B, is the wide operating voltage range, espe-
cially the upper limit (13 V). This feature allows the
use of soft power supply for line powered radios
which can also reduce the set’s total cost.


Similar Part No. - U2510B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
U2510B-M TEMIC-U2510B-M Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
More results

Similar Description - U2510B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
   All-Band AM/FM Receiver and Audio Amplifier
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
ATMEL Corporation
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com