Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68C429AMF Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS68C429AMF
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMF Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS68C429AMF Datasheet HTML 3Page - ATMEL Corporation TS68C429AMF Datasheet HTML 4Page - ATMEL Corporation TS68C429AMF Datasheet HTML 5Page - ATMEL Corporation TS68C429AMF Datasheet HTML 6Page - ATMEL Corporation TS68C429AMF Datasheet HTML 7Page - ATMEL Corporation TS68C429AMF Datasheet HTML 8Page - ATMEL Corporation TS68C429AMF Datasheet HTML 9Page - ATMEL Corporation TS68C429AMF Datasheet HTML 10Page - ATMEL Corporation TS68C429AMF Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
TS68C429A
2120A–HIREL–08/02
Design and Construction
Terminal Connections
Depending on the package, the terminal connections is detailed in “Terminal Connec-
tions” on page 41.
Package
The circuits are packaged in a hermetically sealed ceramic package which is conform to
case outlines of MIL-STD 1835 (when defined):
PGA 84,
CQFP 132.
The precise case outlines are described at the end of this specification (“Package
Mechanical Data” on page 40) and into MIL-STD-1835.
Special Recommended
Conditions for CMOS Devices
CMOS Latch-up
The CMOS cell is basically composed of two complementary transistors (a P-channel
and an N-channel), and, in the steady state, only one transistor is turned-on. The active
P-channel transistor sources current when the output is a logic high and presents a high
impedance when the output is a logic low. Thus the overall result is extremely low power
consumption because there is no power loss through the active P-channel transistor.
Also since only once transistor is determined by leakage currents.
Because the basic CMOS cell is composed of two complementary transistors, a para-
sitic semiconductor controlled rectifier (SCR) formed and may be triggered when an
input exceeds the supply voltage. The SCR that is formed by this high input causes the
device to become “latched” in a mode that may result in excessive current drain and
eventual destruction of the device. Although the device is implemented with input pro-
tection diodes, care should be exercised to ensure that the maximum input voltages
specification is not exceeded from voltage transients; others may require no additional
circuitry.
CMOS/TTL Levels
The TS68C429A doesn’t satisfy totally the input/output drive requirements of TTL logic
devices, see Table 4.
Electrical Characteristics
Table 1. Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
V
CC
Supply Voltage
-0.3
+7.0
V
V
I
Input Voltage
-0.3
+7.0
V
P
dmax
Max Power Dissipation
400
mW
T
case
Operating Temperature
M suffix
-55
+125
°C
V suffix
-40
+85
°C
T
stg
Storage Temperature
-55
+150
°C
T
j
Junction Temperature
+160
°C
T
leads
Lead Temperature
Max 5 sec. soldering
+270
°C


Similar Part No. - TS68C429AMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

Similar Description - TS68C429AMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
   CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com