Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66100-3.3TA3RG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66100-3.3TA3RG
Description  1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66100-3.3TA3RG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66100-3.3TA3RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66100-3.3TA3RG Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
7
GM6610x Series
1.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Electrical Characteristics:
(VIN = VOUT + 1V, VEN = 2.25V,Unless otherwise specified: TJ = 25°C, Bold values are guaranteed across the full operating
temperature range)
Parameter
Condition
Symbol
Min
Typ
Max
Unit
IO = 10mA
-1
1
Output Voltage
10mA < IO < 1A, VOUT + 1V < VIN < 8V
VOUT
-2
-2
%
Line
Regulation
IO = 10mA, VOUT + 1V < VIN < 16V
ΔVOI
0.06
0.5
%
Load
Regulation
VIN = VOUT + 1V, 10mA < IO < 1A
ΔVOL
0.2
1.0
%
Output
Temperature
Coefficient
Note 5
ΔVOUT/ ΔT
40
100
ppm/°C
150
200
IO = 100mA, ΔVOI = -1%
250
IO = 500mA, ΔVOI = -1%
275
IO = 750mA, ΔVOI = -1%
330
500
410
550
Dropout
Voltage,
Note 6
IO = 1A, ΔVOI = -1%
VDO
630
mV
IO = 100mA, VIN = VOUT + 1V
700
μA
IO = 500mA, VIN = VOUT + 1V
4
IO = 750mA, VIN = VOUT + 1V
7
Ground
Current
Note 7
IO = 1A, VIN = VOUT + 1V
IGND
12
20
mA
Current Limit
VOUT = 0V, VIN = VOUT + 1V
ICL
1.8
2.5
A
Enable Input
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Logic low (OFF)
VEN(low)
08
V
Enable Input
Voltage
Logic High (ON)
VEN(high)
2.25
1
15
30
VEN = 2.25V
IEN(low)
75
2
Enable Input
Current
VEN = 0.8V
IEN(high)
4
μA


Similar Part No. - GM66100-3.3TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100-3.3TA3RG GAMMA-GM66100-3.3TA3RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66100-3.3TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com