Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66100-2.5TB3TG Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM66100-2.5TB3TG
Description  1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66100-2.5TB3TG Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM66100-2.5TB3TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66100-2.5TB3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2
GM6610x Series
1.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
www.gammamicro.com.tw
Application
High Efficiency Linear Regulators
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V conversion
Battery Powered Equipment
Automotive Electronics
Post Regulators for Switching Supplies
Description
The GM66100/1/2 series are 1A ultra low-dropout
linear voltage regulators that provide low-voltage,
high output current from an extremely small
package.
The GM66100/1/2 offers extremely low dropout
(typically 410 m V at 1A) and low ground current
(typically 12mA at 1A).
The GM66100 offers 3 Lead packages with a fixed
output voltage options while GM66101/2 offer SO8
packages for fixed and adjustable output voltages
accordingly.
The GM66100/1/2 is ideal for PC add-in cards that
need to convert from standard 5V to 3.3V, 3.3V to
2.5V or 2.5V to 1.8V. A guaranteed maximum
dropout voltage of 630mV over all operating
conditions allows the GM66100/1/2 provide 2.5V
from a supply as low as 3.13V and 1.8V from a
supply as low as 2.43V.
The GM66100/1/2 is fully protected with over
current limiting, thermal shutdown, and reversed-
battery protection.
Features
Fixed and adjustable output voltages
Typical 410mV Dropout Voltage @ 1A
1A minimum guaranteed output current
Accurate 1% Guaranteed Tolerance
Current limiting and thermal shutdown
Reverse-battery Protection
Reversed leakage protection
Fast Transient Response
Typical Application Circuits
GM66100-2.5
VIN
VOUT
Gnd
VIN
3.3V
VOUT
2.5V
10uF
VIN
VOUT
Gnd
VIN
3.3V
VOUT
2.5V
10uF
Flag
Error Flag Output
GM66101-2.5
Enable
Enable
Shutdown
2.5V/1A Regulator
2.5V/1A Regulator with Error Flag
1.5V/1A Adjustable Regulator
GM66102
VIN
VOUT
Gnd
VIN
2.5V
VOUT
1.5V
10uF
Enable
Enable
Shutdown
Adj
R1
R2


Similar Part No. - GM66100-2.5TB3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100-2.5TB3TG GAMMA-GM66100-2.5TB3TG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66100-2.5TB3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com