Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6250-2.7ST89R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6250-2.7ST89R
Description  300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6250-2.7ST89R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6250-2.7ST89R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6250-2.7ST89R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
GM6250
300mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
www.gammamicro.com.tw
GM6250-x.x
VIN
VOUT
VSS
CIN
1µF
(Tantalum)
VIN
RL
COUT
1µF
(Tantalum)
Application
Palmtops
Portable Cameras
Video Recorders
Battery Powered Equipment
Reference Voltage Sources
Typical Application Circuits
Description
GM6250 combines high accuracy with very low
power consumption, and provides high output
current even when the application requires
extremely low input-output voltage dropout.
GM6250 includes a precision voltage reference,
an error correction circuit, over-temperature
protection, and a current limited output driver.
Fast transient response to load variations
provides excellent stability under dynamic loads.
GM6250 comes in SOT-23 (150mW), and SOT-89
(500mW).
Features
Operating at low output current from
1
μA
Maximum output current up 300mA
Output voltage from 1.5V to 5.0V in
0.1V increments
Output voltage accuracy : ±2%
CMOS low power consumption,
typically 1.0µA at VOUT = 5.0V
Input stability: typically 0.2%/V
Ultra low dropout voltage: 0.38V @ IOUT
= 200mV at VOUT = 5.0V
SOT-23 (150mW), SOT-89 (500mW) and
TO-92 packages


Similar Part No. - GM6250-2.7ST89R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250-2.7ST89R ETC2-GM6250-2.7ST89R Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6250-2.7ST89R GAMMA-GM6250-2.7ST89R Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250-2.7ST89RG GAMMA-GM6250-2.7ST89RG Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6250-2.7ST89R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250 GAMMA-GM6250 Datasheet
160Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9162 RICHTEK-RT9162_07 Datasheet
78Kb / 5P
   300mA Low Dropout Positive Voltage Regulator
RT9162 RICHTEK-RT9162 Datasheet
142Kb / 6P
   300MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Advanced Power Electron...
APU8836 A-POWER-APU8836 Datasheet
314Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
APU1205 A-POWER-APU1205_14 Datasheet
218Kb / 5P
   300mA ULTRA LOW DROPOUT POSITIVE
APU8836 A-POWER-APU8836_14 Datasheet
287Kb / 7P
   300mA ULTRA LOW DROPOUT POSITIVE
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com