Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT6010A-4AC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT6010A-4AC
Description  Coprocessor Field Programmable Gate Arrays
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT6010A-4AC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT6010A-4AC Datasheet HTML 7Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 8Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 9Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 10Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 11Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 12Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 13Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 14Page - ATMEL Corporation AT6010A-4AC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AT6000(LV) Series
11
Pinout Assignment
Left Side (Top to Bottom)
AT6002
AT6003
AT6005
AT6010
84
PLCC
100
VQFP
132
PQFP
144
TQFP
180
CPGA
208
PQFP
240
PQFP
---
I/O51(A)
-
-
-
-
B1
1
1
I/O24(A) or A7
I/O30(A) or A7
I/O27(A) or A7
I/O50(A) or A7
12
1
18
1
C1
2
2
-
I/O29(B)
-
I/O49(A)
-
-
-
2D13
3
---
I/O48(B)
-
-
-
-
-
-
4
---
VCC
-
-
-
-
PWR(1)
45
---
I/O47(A)
-
-
-
-
E1
5
6
---
GND
-
-
-
-
GND
(2)
67
-
I/O28(A)
I/O26(A)
I/O46(A)
-
-
19
3
G1
7
8
I/O23(A) or A6
I/O27(A) or A6
I/O25(A) or A6
I/O45(A) or A6
13
2
20
4
H1
8
9
-
-
-
I/O44(B)
-
-
-
-
-
-
10
-
-
-
I/O43(A)
-
-
-
-
C2
9
11
I/O22(B)
I/O26(A)
I/O24(A)
I/O42(A)
-
-
21
5
D2
10
12
I/O21(A) or A5
I/O25(A) or A5
I/O23(A) or A5
I/O41(A) or A5
14
3
22
6
E2
11
13
-
-
-
I/O40(B)
-
-
-
-
-
-
14
---
I/O39(A)
-
-
-
-
F2
12
15
I/O20(B)
I/O24(B)
I/O22(A)
I/O38(A)
-
4
23
7
G2
13
16
I/O19(A) or A4
I/O23(A) or A4
I/O21(A) or A4
I/O37(A) or A4
15
5
24
8
H2
14
17
-
-
-
I/O36(B)
-
-
-
-
-
-
18
I/O18(B)
I/O22(B)
I/O20(A)
I/O35(A)
-
-
25
9
D3
15
19
I/O17(A) or A3
I/O21(A) or A3
I/O19(A) or A3
I/O34(A) or A3
16
6
26
10
E3
16
20
I/O16(B)
I/O20(B)
I/O18(A)
I/O33(A)
-
7
27
11
F3
17
21
-
-
-
I/O32(B)
-
-
-
-
-
18
22
I/O15(A) or A2
I/O19(A) or A2
I/O17(A) or A2
I/O31(A) or A2
17
8
28
12
G3
19
23
-
I/O18(B)
I/O16(A)
I/O30(A)
-
-
29
13
H3
20
24
GND
GND
GND
GND
18
9
30
14
GND
(2)
21
25
VSS
VSS
VSS
VSS
19
10
31
15
GND(2)
22
26
I/O14(A) or A1
I/O17(A) or A1
I/O15(A) or A1
I/O29(A) or A1
20
11
32
16
F4
23
27
-
-
-
I/O28(B)
-
-
-
-
-
24
28
-
I/O16(B)
-
I/O27(A)
-
-
-
17
G4
25
29
I/O13(A) or A0
I/O15(A) or A0
I/O14(A) or A0
I/O26(A) or A0
21
12
33
18
H4
26
30
I/O12(B) or D7
I/O14(A) or D7
I/O13(A) or D7
I/O25(B) or D7
22
13
34
19
H5
27
31
-
-
-
I/O24(B)
-
-
-
-
-
28
32
I/O11(A) or D6
I/O13(A) or D6
I/O12(A) or D6
I/O23(A) or D6
23
14
35
20
J4
29
33
I/O10(A) or D5
I/O12(A) or D5
I/O11(A) or D5
I/O22(A) or D5
24
15
36
21
K4
30
34
VDD
VDD
VDD
VDD
25
16
37
22
PWR
(1)
31
35
VCC
VCC
VCC
VCC
26
17
38
23
PWR
(1)
32
36


Similar Part No. - AT6010A-4AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15M ATMEL-AT60142E-DC15M Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15M-E ATMEL-AT60142E-DC15M-E Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15MMQ ATMEL-AT60142E-DC15MMQ Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15SMV ATMEL-AT60142E-DC15SMV Datasheet
295Kb / 17P
   Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results

Similar Description - AT6010A-4AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com