Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA101C392KAR Datasheet(PDF) 3 Page - AVX Corporation

Part # SA101C392KAR
Description  GENERAL INFORMATION
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA101C392KAR Datasheet(HTML) 3 Page - AVX Corporation

  SA101C392KAR Datasheet HTML 1Page - AVX Corporation SA101C392KAR Datasheet HTML 2Page - AVX Corporation SA101C392KAR Datasheet HTML 3Page - AVX Corporation SA101C392KAR Datasheet HTML 4Page - AVX Corporation SA101C392KAR Datasheet HTML 5Page - AVX Corporation SA101C392KAR Datasheet HTML 6Page - AVX Corporation SA101C392KAR Datasheet HTML 7Page - AVX Corporation SA101C392KAR Datasheet HTML 8Page - AVX Corporation SA101C392KAR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
2
The Capacitor
GENERAL INFORMATION
A
capacitor
is
a
component
which
is
capable
of storing electrical energy. It consists of two conductive plates
(electrodes) separated by insulating material which is called
the dielectric. A typical formula for determining capacitance is:
C =
.224 KA
t
C = capacitance (picofarads)
K = dielectric constant (Vacuum = 1)
A = area in square inches
t = separation between the plates in inches
(thickness of dielectric)
.224 = conversion constant
(.0884 for metric system in cm)
Capacitance – The standard unit of capacitance
is the farad. A capacitor has a capacitance of 1 farad when
1 coulomb charges it to 1 volt. One farad is a very large unit
and most capacitors have values in the micro (10-6), nano
(10-9) or pico (10-12) farad level.
Dielectric Constant – In the formula for capacitance given
above
the
dielectric
constant
of
a
vacuum
is
arbitrarily chosen as the number 1. Dielectric constants of
other materials are then compared to the dielectric con-
stant of a vacuum.
Dielectric Thickness – Capacitance is indirectly propor-
tional to the separation between electrodes. Lower voltage
requirements mean thinner dielectrics and greater capaci-
tance per volume.
Area – Capacitance is directly proportional to the area of
the electrodes. Since the other variables in the equation are
usually set by the performance desired, area is the easiest
parameter to modify to obtain a specific capacitance with-
in a material group.
Energy Stored – The energy which can be stored in a
capacitor is given by the formula:
E = 12CV
2
E = energy in joules (watts-sec)
V = applied voltage
C = capacitance in farads
Potential
Change
A
capacitor
is
a
reactive
component which reacts against a change in potential
across it. This is shown by the equation for the linear
charge of a capacitor:
I
ideal =
C
dV
dt
where
I = Current
C = Capacitance
dV/dt = Slope of voltage transition across capacitor
Thus an infinite current would be required to instantly
change the potential across a capacitor. The amount of
current a capacitor can “sink” is determined by the above
equation.
Equivalent Circuit – A capacitor, as a practical device,
exhibits not only capacitance but also resistance and
inductance. A simplified schematic for the equivalent
circuit is:
C = Capacitance
L = Inductance
R
s = Series Resistance
R
p = Parallel Resistance
Reactance – Since the insulation resistance (Rp)
is normally very high, the total impedance of a capacitor is:
Z =
R
2
S + (XC - XL )
2
where
Z = Total Impedance
R
s = Series Resistance
X
C = Capacitive Reactance
=
1
2 π fC
X
L = Inductive Reactance
= 2 π fL
The variation of a capacitor’s impedance with frequency
determines its effectiveness in many applications.
Phase Angle – Power Factor and Dissipation Factor are
often confused since they are both measures of the loss in
a capacitor under AC application and are often almost
identical in value. In a “perfect” capacitor the current in the
capacitor will lead the voltage by 90°.
R
L
R
C
P
S


Similar Part No. - SA101C392KAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C392KAR AVX-SA101C392KAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA101C392KAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9S12G96F0CLF ETC2-S9S12G96F0CLF Datasheet
58Kb / 3P
   General Information
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
logo
EPCOS
B82476A1104M EPCOS-B82476A1104M Datasheet
299Kb / 22P
   General Technical Information
logo
Token Electronics Indus...
TCB4F-617DB1673 TOKEN-TCB4F-617DB1673 Datasheet
646Kb / 23P
   Balun Transformer General Information
logo
Kemet Corporation
T192A256M008ASC KEMET-T192A256M008ASC Datasheet
1Mb / 28P
   Wet Tantalum General Information
logo
List of Unclassifed Man...
CSS312R ETC1-CSS312R Datasheet
613Kb / 4P
   NUMERIC/ALPHANUMBERIC DISPLAY GENERAL INFORMATION
logo
Leshan Radio Company
MMBT2222AWT1 LRC-MMBT2222AWT1 Datasheet
66Kb / 2P
   Preliminary Information General Purpose Transistors
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com