Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA103-6AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA103-6AI
Description  8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103-6AI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA103-6AI Datasheet HTML 1Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 2Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 3Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 4Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA103-6AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
Utilizes the AVR® Enhanced RISC Architecture
121 Powerful Instructions - Most Single Clock Cycle Execution
128K bytes of In-System Reprogrammable Flash ATmega103/L
64K bytes of In-System Reprogrammable Flash ATmega603/L
– SPI Interface for In-System Programming
– Endurance: 1,000 Write/Erase Cycles
4K bytes EEPROM ATmega103/L
2K bytes of EEPROM ATmega603/L
– Endurance: 100,000 Write/Erase Cycles
4K bytes Internal SRAM
32 x 8 General Purpose Working Registers + Peripheral Control Registers
32 Programmable I/O Lines, 8 Output Lines, 8 Input Lines
Programmable Serial UART + SPI Serial Interface
V
CC Supply
– 2.7 - 3.6V ATmega603L/ATmega103L
– 4.0 - 5.5V ATmega603/ATmega103
Fully Static Operation
– 0 - 6 MHz ATmega603/ATmega103
– 0 - 4 MHz ATmega603L/ATmega103L
Up to 6 MIPS Throughput at 6 MHz
RTC with Separate Oscillator
Two 8-Bit Timer/Counters with Separate Prescaler and PWM
One 16-Bit Timer/Counter with Separate Prescaler, Compare, Capture Modes and
Dual 8-, 9- or 10-Bit PWM
Programmable Watchdog Timer with On-Chip Oscillator
On-Chip Analog Comparator
8-Channel, 10-Bit ADC
Low Power Idle, Power Save and Power Down Modes
Software Selectable Clock Frequency
Programming Lock for Software Security
Pin Configuration
Rev. 0945BS–09/98
8-Bit
Microcontroller
with 64K/128K
Bytes In-System
Programmable
Flash
ATmega603
ATmega603L
ATmega103
ATmega103L
Preliminary
ATmega103/L
ATmega103/L
TQFP
Note:
This is a summary document. For the complete 92
page document, please visit our web site at
www.atmel.com or e-mail at literature@atmel.com
and request literature #0945B.


Similar Part No. - ATMEGA103-6AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103-6AI ATMEL-ATMEGA103-6AI Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA103-6AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com