Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504AS-15JI68 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1504AS-15JI68
Description  High- Performance EE CPLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-15JI68 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1504AS-15JI68 Datasheet HTML 6Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 9Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 10Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 11Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 12Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 13Page - ATMEL Corporation ATF1504AS-15JI68 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ATF1504ASZ
10
Note:
See ordering information for valid part numbers.
Timing Model
AC Characteristics (Continued)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
F
MAX
Maximum Clock Frequency
166.7
125
100
83.3
60
MHz
t
IN
Input Pad and Buffer Delay
0.5
0.5
2
2
2
ns
t
IO
I/O Input Pad and Buffer Delay
0.5
0.5
2
2
2
ns
t
FIN
Fast Input Delay
112
22
ns
t
SEXP
Foldback Term Delay
4
5
8
10
12
ns
t
PEXP
Cascade Logic Delay
0.8
0.8
1
1
1.2
ns
t
LAD
Logic Array Delay
356
78
ns
t
LAC
Logic Control Delay
356
78
ns
t
IOE
Internal Output Enable Delay
223
34
ns
t
OD1
Output Buffer and Pad Delay
(Slow slew rate = OFF;
V
CCIO = 5V; CL = 35 pF)
21.5
4
5
6
ns
t
OD2
Output Buffer and Pad Delay
(Slow slew rate = OFF;
V
CCIO = 3.3V; CL = 35 pF)
2.5
2.0
5
6
7
ns
t
OD3
Output Buffer and Pad Delay
(Slow slew rate = ON;
V
CCIO = 5V or 3.3V; CL = 35 pF)
55.5
8
10
10
ns
(continued)
= Preliminary Information


Similar Part No. - ATF1504AS-15JI68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-15JI68 ATMEL-ATF1504AS-15JI68 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-15JI68 ATMEL-ATF1504AS-15JI68 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-15JI68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com