Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV2500B-15JI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATV2500B-15JI
Description  High-Speed High-Density UV Erasable Programmable Logic Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500B-15JI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATV2500B-15JI Datasheet HTML 2Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 3Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 4Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 5Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 6Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 7Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 8Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 9Page - ATMEL Corporation ATV2500B-15JI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ATV2500B
6
Note:
1. See I
CC versus frequency characterization curves.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input Load Current
V
IN = -0.1V to VCC + 1V
10
µA
I
LO
Output Leakage
Current
V
OUT = -0.1V to VCC + 0.1V
10
µA
I
CC
Power Supply
Current,
Standby
V
CC = MAX,
V
IN = GND or
V
CC f = 0 MHz,
Outputs Open
ATV2500B
Com.
110
190
mA
Ind., Mil.
110
210
mA
ATV2500BQ
Com.
30
70
mA
Ind., Mil.
30
85
mA
ATV2500BL
Com.
2
5
mA
Ind., Mil.
2
10
mA
ATV2500BQL
Com.
2
4
mA
Ind., Mil.
2
5
mA
I
OS
Output Short
Circuit Current
V
OUT = 0.5V
-120
mA
V
IL
Input Low Voltage
MIN
≤ V
CC ≤ MAX
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
V
IN = VIH or VIL,
V
CC = 4.5V
I
OL = 8 mA
Com.,
Ind.
0.5
V
I
OL = 6 mA
Mil.
0.5
V
V
OH
Output High
Voltage
V
CC = MIN
I
OH = -4.0 mA
V
CC - 0.3
V
I
OH = -4.0 mA
2.4


Similar Part No. - ATV2500B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500BQ ATMEL-ATV2500BQ_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
   High-performance, High-density Programmable Logic Device
More results

Similar Description - ATV2500B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com