Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0083BA03199S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF0083BA03199S
Description  82.944 MHz SAW Filter 4.5 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0083BA03199S Datasheet(HTML) 3 Page - API Technologies Corp

  SF0083BA03199S Datasheet HTML 1Page - API Technologies Corp SF0083BA03199S Datasheet HTML 2Page - API Technologies Corp SF0083BA03199S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
82.944 MHz SAW Filter
4.5 MHz Bandwidth
Part Number: SF0083BA03199S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0083BA03199S Rev A 22-Feb-2010
ECN 36650
Page 3 of 3
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
MARKING
ISO 9001
Registered
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Units: mm
Tolerances are
±0.15 mm except
where indicated.
Pad Configuration:
Input:
11
Output:
5
Ground:
All other pads
SMI
BA03199S
∆ YYDDD
Ident Pad (Rounded shape
underneath)
ESD symbol (pad 1
indicator)
Date Code (YY=Year,
DDD=Day)


Similar Part No. - SF0083BA03199S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0082BA03229S APITECH-SF0082BA03229S Datasheet
1Mb / 3P
   82.2 MHz SAW Bandpass Filter, 30 kHz Bandwidth
SF0085BA03239S APITECH-SF0085BA03239S Datasheet
93Kb / 3P
   85.2 MHz SAW Filter 0.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0088BA01993S ICST-SF0088BA01993S Datasheet
195Kb / 2P
   87.5 MHz Filter 30 MHz Bandwidth
logo
API Technologies Corp
SF0088BA01993S APITECH-SF0088BA01993S Datasheet
163Kb / 3P
   87.5 MHz SAW Filter 30 MHz Bandwidth
SF0088BA01993S APITECH-SF0088BA01993S Datasheet
89Kb / 3P
   87.5 MHz SAW Filter 30 MHz Bandwidth
More results

Similar Description - SF0083BA03199S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0060CN02290T APITECH-SF0060CN02290T Datasheet
121Kb / 3P
   60 MHz SAW Filter 4.5 MHz bandwidth
SF0074BA03225S APITECH-SF0074BA03225S Datasheet
166Kb / 3P
   73.728 MHz SAW Filter 4.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51551T ICST-SF0070CF51551T Datasheet
192Kb / 2P
   70 MHz Filter 4.5 MHz Bandwidth
SF0070BA03054S ICST-SF0070BA03054S Datasheet
261Kb / 2P
   70 MHz Filter 4.5 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03054S APITECH-SF0070BA03054S Datasheet
262Kb / 2P
   70 MHz Filter 4.5 MHz Bandwidth
SF0070CF51551T APITECH-SF0070CF51551T Datasheet
196Kb / 2P
   70 MHz Filter 4.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
SF0115BA03227S APITECH-SF0115BA03227S Datasheet
158Kb / 3P
   115.2 MHz SAW Filter 3.84 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com