Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5020CPFP Datasheet(PDF) 80 Page - Texas Instruments

Part # TVP5020CPFP
Description  NTSC PAL VIDEO DECODER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5020CPFP Datasheet(HTML) 80 Page - Texas Instruments

Back Button TVP5020CPFP Datasheet HTML 76Page - Texas Instruments TVP5020CPFP Datasheet HTML 77Page - Texas Instruments TVP5020CPFP Datasheet HTML 78Page - Texas Instruments TVP5020CPFP Datasheet HTML 79Page - Texas Instruments TVP5020CPFP Datasheet HTML 80Page - Texas Instruments TVP5020CPFP Datasheet HTML 81Page - Texas Instruments TVP5020CPFP Datasheet HTML 82Page - Texas Instruments TVP5020CPFP Datasheet HTML 83Page - Texas Instruments TVP5020CPFP Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
3–2
3.3
Electrical Characteristics
3.3.1
Analog Processing and Analog-to-Digital Converters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Zi
Input impedance, analog video inputs
By design
200
k
Ci
Input capacitance, analog video inputs
By design
10
pF
∆G
Gain control range
–2
6
dB
DNL
DC differential nonlinearity
A/D only
1
LSB
INL
DC integral nonlinearity
A/D only
1.2
LSB
Fr
Frequency response
6 MHz
–0.9
–3
dB
XTALK
Crosstalk
1 MHz
–50
dB
SNR
Signal-to-noise ratio
1 MHz, 1 Vpp
42
dB
NS
Noise spectrum
50% flat field
53
dB
DP
Differential phase
0.5
deg
DG
Differential gain
1.5%
NOTE 1: Test Conditions: DVDD = 3.3V, AVDD = 5.0V, TA = 70°C unless otherwise specified
3.3.2
DC Electrical Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIN(DIG)
Digital supply current
225
300
mA
IIN(AN)
Analog supply current
85
105
mA
I li
Input leakage current
10
µA
Ci
Input capacitance digital inputs
By design
8
pF
VOL
Output voltage
Low
0.4
V
VOH
Output voltage
High
2.4
V
NOTE 2: Measured with a load of 10 k
Ω in parallel to 15 pF.


Similar Part No. - TVP5020CPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
TVP5020TQFP TI-TVP5020TQFP Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
More results

Similar Description - TVP5020CPFP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Intersil Corporation
HMP8117 INTERSIL-HMP8117_07 Datasheet
563Kb / 45P
   NTSC/PAL Video Decoder
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5010 TI1-TVP5010 Datasheet
264Kb / 59P
[Old version datasheet]   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8115 INTERSIL-HMP8115 Datasheet
183Kb / 43P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5031 TI-TVP5031 Datasheet
378Kb / 85P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
Asahi Kasei Microsystem...
AK8856VN AKM-AK8856VN Datasheet
2Mb / 98P
   NTSC/PAL Video Decoder
logo
Renesas Technology Corp
HMP8117 RENESAS-HMP8117 Datasheet
1Mb / 45P
   NTSC/PAL Video Decoder
July 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com