Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3160DBVRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A3160DBVRE4
Description  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DBVRE4 Datasheet(HTML) 2 Page - Texas Instruments

  TS5A3160DBVRE4 Datasheet HTML 1Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 2Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 3Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 4Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 5Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TS5A3160
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
www.ti.com
Table 2. Summary of Characteristics(1)
2:1 Multiplexer/
Configuration
Demultiplexer
(1 × SPDT)
Number of channels
1
ON-state resistance (ron)
1.1
ON-state resistance match (
Δron)
0.1
ON-state resistance flatness (ron(flat))
0.15
Turn-on/turn-off time (tON/tOFF)
20 ns/15 ns
Make-before-break time (tMBB)
12 ns
Charge injection (QC)
36 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
–65 dB at 1 MHz
Crosstalk (XTALK)
–66 dB at 1 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (ICOM(OFF)/(INC(OFF)
±20 nA
Power-supply current (I+)
0.1
μA
Package options
6-pin DBV or DCK
(1)
V+ = 5 V and TA = 25°C
FUNCTION TABLE
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
2
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): TS5A3160


Similar Part No. - TS5A3160DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DBVRE4 TI-TS5A3160DBVRE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3160DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com