Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77725PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77725PWPR
Description  FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77725PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS77725PWPR Datasheet HTML 1Page - Texas Instruments TPS77725PWPR Datasheet HTML 2Page - Texas Instruments TPS77725PWPR Datasheet HTML 3Page - Texas Instruments TPS77725PWPR Datasheet HTML 4Page - Texas Instruments TPS77725PWPR Datasheet HTML 5Page - Texas Instruments TPS77725PWPR Datasheet HTML 6Page - Texas Instruments TPS77725PWPR Datasheet HTML 7Page - Texas Instruments TPS77725PWPR Datasheet HTML 8Page - Texas Instruments TPS77725PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
1
D Open Drain Power-On Reset With 200 ms
Delay (TPS777xx)
D Open Drain Power Good (TPS778xx)
D 750-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V Fixed
Output and Adjustable Versions
D Dropout Voltage to 260 mV (Typ) at 750 mA
(TPS77x33)
D Ultralow 85 mA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions for
Fixed-Output Versions
D 8-Pin SOIC and 20-Pin TSSOP PowerPAD
(PWP) Package
D Thermal Shutdown Protection
description
TPS777xx and TPS778xx are designed to have a
fast transient response and be stable with a 10
µF
low ESR capacitor. This combination provides
high performance at a reasonable cost.
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
TPS77x33
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 750 mA
IO = 10 mA
IO = 0
Co = 10 µF
t − Time −
µs
TPS77x33
LOAD TRANSIENT RESPONSE
500
0
60
40
20
80 100
140
120
160 180 200
0
0
50
−50
1000
Co = 2x47 µF
ESR = 1/2x100 m
VO = 3.3 V
VI = 4.3 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Copyright
 1999 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
8
7
6
5
GND
EN
IN
IN
RESET/PG
FB/NC
OUT
OUT
D PACKAGE
(TOP VIEW)
NC − No internal connection
GND/HSINK
GND/HSINK
GND
NC
EN
IN
IN
NC
GND/HSINK
GND/HSINK
GND/HSINK
GND/HSINK
NC
NC
RESET/PG
FB/NC
OUT
OUT
GND/HSINK
GND/HSINK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)


Similar Part No. - TPS77725PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77725PWPR TI-TPS77725PWPR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWPR TI1-TPS77725PWPR Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77725PWPRG4 TI-TPS77725PWPRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
TPS77725PWPRG4 TI1-TPS77725PWPRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77725PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501 Datasheet
316Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com