Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1508ASZ-25QC160 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1508ASZ-25QC160
Description  High Performance E2 PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASZ-25QC160 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1508ASZ-25QC160 Datasheet HTML 4Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 5Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 6Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 7Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 8Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 9Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 10Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 11Page - ATMEL Corporation ATF1508ASZ-25QC160 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ATF1508AS/Z
8
Note:
Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
The OGI pin ( high -voltage pin during programming) has a maximum capacitance of 12pf.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0°C - 70°C
-40°C - 85°C
V
CCINT or VCCIO (5V) Power Supply
5V
± 5%
5V
± 10%
V
CCIO (3.3V) Power Supply
2.7V - 3.6V
2.7V - 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
V
IN = VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
µA
I
OZ
Tri-State Output
Off-State Current
V
O = VCC or GND
-40
40
µA
I
CC1
Power Supply
Current, Stand-by
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
160
mA
Ind.
180
mA
“Z” Mode
Com.
100
µA
Ind.
140
µA
I
CC2
Power Supply Current,
Power Down Mode
V
CC = Max
V
IN = 0, VCC
“PD” Mode
100
µA
I
OS
Output Short
Circuit Current
V
OUT = 0.5V
-150
mA
V
CCIO
Supply Voltage
5.0V Device Output
Com.
4.75
5.25
V
Ind.
4.5
5.5
V
V
CCIO
Supply Voltage
3.3V Device Output
2.7
3.6
V
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
2.0
V
CCINT + 0.3
V
V
OL
Output Low Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOL = 12 mA
Com.
0.45
V
Ind.
0.45
V
V
OH
Output High Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOH = -4.0 mA
2.4
V
Pin Capacitance
Typ
Max
Units
Conditions
C
IN
810
pF
V
IN = 0V; f = 1.0 MHz
C
I/O
810
pF
V
OUT = 0V; f = 1.0 MHz


Similar Part No. - ATF1508ASZ-25QC160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF1508AS-10AC100 ATMEL-ATF1508AS-10AC100 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF1508AS-10AL100 ATMEL-ATF1508AS-10AL100 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF1508AS-10AU100 ATMEL-ATF1508AS-10AU100 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF1508AS-10JC84 ATMEL-ATF1508AS-10JC84 Datasheet
717Kb / 31P
   Highperformance EE PLD
More results

Similar Description - ATF1508ASZ-25QC160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
   High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
   High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
   High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
   High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
   High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com