Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV002T-70JI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49LV002T-70JI
Description  2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV002T-70JI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49LV002T-70JI Datasheet HTML 3Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 4Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 5Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 6Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 7Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 8Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 9Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 10Page - ATMEL Corporation AT49LV002T-70JI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AT49BV/LV002(N)(T)
7
AC Read Waveforms (1)(2)(3)(4)
Notes:
1.
CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2.
OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3.
t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4.
This parameter is characterized and is not 100% tested.
Input Test Waveform and
Measurement Level
t
R, tF < 5
Output Load Test
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
AT49LV002(N)(T)-70
AT49BV/LV002(N)(T)-90
AT49BV/LV002(N)(T)-12
Units
Symbol
Parameter
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
70
90
120
ns
t
CE
(1)
CE to Output Delay
70
90
120
ns
tOE
(2)
OE to Output Delay
0
35
0
40
0
50
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
0
25
0
30
ns
t
OH
Output Hold from OE, CE or
Address, whichever occurred first
00
0
ns
ADDRESS
OUTPUT
HIGH Z
OUTPUT
OE
CE
tACC
tOE
t DF
tOH
tCE
VALID
ADDRESS
VALID
AC
MEASUREMENT
LEVEL
AC
DRIVING
LEVELS
0.4V
2.4V
1.5V
OUTPUT
PIN
3.0V
30 pF
1.8K
1.3K
Pin Capacitance
(f = 1 MHz, T = 25°C)(1)
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT49LV002T-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV002T ATMEL-AT49LV002T Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results

Similar Description - AT49LV002T-70JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com