Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77930DGKG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS77930DGKG4
Description  250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77930DGKG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS77930DGKG4 Datasheet HTML 1Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 2Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 3Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 4Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 5Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 6Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 7Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 8Page - Texas Instruments TPS77930DGKG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS77901, TPS77918, TPS77925, TPS77930
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
SLVS283D – MARCH 2000 – REVISED OCTOBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description
pin functions
enable (EN)
The EN terminal is an input which enables or shuts down the device. If EN is a logic low, the device will be in
shutdown mode. When EN goes to logic high, then the device will be enabled.
sense (SENSE)
The SENSE terminal of the fixed-output options must be connected to the regulator output, and the connection
should be as short as possible. Internally, SENSE connects to a high-impedance wide-bandwidth amplifier
through a resistor-divider network and noise pickup feeds through to the regulator output. It is essential to route
the SENSE connection in such a way to minimize/avoid noise pickup. Adding RC networks between the SENSE
terminal and VO to filter noise is not recommended because it can cause the regulator to oscillate.
feedback (FB)
FB is an input terminal used for the adjustable-output options and must be connected to an external feedback
resistor divider. The FB connection should be as short as possible. It is essential to route it in such a way to
minimize/avoid noise pickup. Adding RC networks between FB terminal and VO to filter noise is not
recommended because it can cause the regulator to oscillate.
reset (RESET)
The RESET terminal is an open drain, active low output that indicates the status of VO. When VO reaches 95%
of the regulated voltage, RESET will go to a high-impedance state after a 220-ms delay. RESET will go to a
low-impedance state when Vout is below 95% of the regulated voltage. The open-drain output of the RESET
terminal requires a pullup resistor.
absolute maximum ratings over operating junction temperature range (unless otherwise noted)
Input voltage range, VI
– 0.3 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
–0.3 V to 16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum RESET voltage
16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (OUT, FB)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
– 40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to network terminal ground.
DISSIPATION RATING TABLE – FREE-AIR TEMPERATURES
PACKAGE
AIR FLOW
(CFM)
θJA
(
°C/W)
θJC
(
°C/W)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
0
266.2
3.84
376 mW
3.76 mW/
°C
207 mW
150 mW
DGK
150
255.2
3.92
392 mW
3.92 mW/
°C
216 mW
157 mW
250
242.8
4.21
412 mW
4.12 mW/
°C
227 mW
165 mW


Similar Part No. - TPS77930DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77930DGK TI-TPS77930DGK Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77930DGK TI1-TPS77930DGK Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
More results

Similar Description - TPS77930DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Vishay Siliconix
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
   Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 28-Jun-04
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com