Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76130DBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS76130DBVRG4
Description  LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76130DBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76130DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS76130DBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS76130, TPS76132, TPS76133, TPS76138, TPS76150
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
SLVS178B – DECEMBER 1998 – REVISED MAY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
4
20
6
5
7
–10
– 20
TPS76130
LINE TRANSIENT RESPONSE
t – Time –
µs
–50
150
100
50
200 250
350
300
400 450
CO = 4.7 µF
IL = 100 mA
10
0
0
Figure 14
30
20
40
50
– 100
t – Time –
µs
CO = 4.7 µF
TPS76130
LOAD TRANSIENT RESPONSE
–300
0
–100
–200
100
200
400
300
500
600 700
10
0
–50
100
Figure 15
6
30
7
20
– 20
TPS76150
LINE TRANSIENT RESPONSE
t – Time –
µs
–50
100
50
0
150
200
300
250
350
400 450
CO = 4.7 µF
IL = 100 mA
10
0
–10
–30
8
Figure 16
100
20
10
30
–50
– 100
t – Time –
µs
CO = 4.7 µF
TPS76150
LOAD TRANSIENT RESPONSE
–300
0
–100
–200
100 200
400
300
500 600
700
50
0
0


Similar Part No. - TPS76130DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76130DBVRG4 TI-TPS76130DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76130DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com