Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78925 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS78925
Description  ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78925 Datasheet(HTML) 4 Page - Texas Instruments

  TPS78925 Datasheet HTML 1Page - Texas Instruments TPS78925 Datasheet HTML 2Page - Texas Instruments TPS78925 Datasheet HTML 3Page - Texas Instruments TPS78925 Datasheet HTML 4Page - Texas Instruments TPS78925 Datasheet HTML 5Page - Texas Instruments TPS78925 Datasheet HTML 6Page - Texas Instruments TPS78925 Datasheet HTML 7Page - Texas Instruments TPS78925 Datasheet HTML 8Page - Texas Instruments TPS78925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS78915, TPS78918, TPS78925, TPS78928, TPS78930
ULTRALOW-POWER LOW-NOISE 100-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS300A – SEPTEMBER 2000 – REVISED MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage, VI (see Note 2)
2.7
10
V
Continuous output current, IO (see Note 3)
0
100
mA
Operating junction temperature, TJ
–40
125
°C
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended
that the device operate under conditions beyond those specified in this table for extended periods of time.
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS78915
TJ = 25°C,
2.7 V < VI < 10 V
1.5
TPS78915
TJ = –40°C to 125°C, 2.7 V < VI < 10 V
1.455
1.545
TPS78918
TJ = 25°C,
2.8 V < VI < 10 V
1.8
TPS78918
TJ = –40°C to 125°C, 2.8 V < VI < 10 V
1.746
1.854
Output voltage (see Note 4)
TPS78925
TJ = 25°C,
3.5 V < VI < 10 V
2.5
V
Output voltage (see Note 4)
TPS78925
TJ = –40°C to 125°C, 3.5 V < VI < 10 V
2.425
2.575
V
TPS78928
TJ = 25°C,
3.8 V < VI < 10 V
2.8
TPS78928
TJ = –40°C to 125°C, 3.8 V < VI < 10 V
2.716
2.884
TPS78930
TJ = 25°C,
4.0 V < VI < 10 V
3
TPS78930
TJ = –40°C to 125°C, 4.0 V < VI < 10 V
2.910
3.090
Quiescent current (GND current) (see Notes 4 and 5)
EN = 0 V,
10
µA < IO < 100 mA,
TJ = 25°C
17
µA
Quiescent current (GND current) (see Notes 4 and 5)
EN = 0 V,
IO = 100 mA,
TJ = –40°C to 125°C
28
µA
Load regulation
EN = 0 V,
IO = See Note 4
TJ = 25°C
12
mV
Output voltage line regulation (
∆VO/VO) (see Note 5)
VO + 1 V < VI ≤ 10 V, TJ = 25°C,
See Note 4
0.04
%/V
Output voltage line regulation (
∆VO/VO) (see Note 5)
VO + 1 V < VI ≤ 10 V,
TJ = –40°C to 125°C, See Note 4
0.1
%/V
Output noise voltage (TPS78930)
BW = 300 Hz to 50 kHz, C(byp) = 0.01 µF
Co = 10 µF, IO = 100 mA, TJ = 25°C
56
µVRMS
Output current limit
VO = 0 V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
NOTES:
4. The minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. The maximum IN voltage is 10 V. The minimum
output current is 10
µA and the maximum output current is 100 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000


Similar Part No. - TPS78925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78925 TI-TPS78925 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78925DBVR TI-TPS78925DBVR Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78925DBVT TI-TPS78925DBVT Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com