Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504AS-15QC100 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1504AS-15QC100
Description  High- Performance EE CPLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-15QC100 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1504AS-15QC100 Datasheet HTML 5Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 6Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 9Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 10Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 11Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 12Page - ATMEL Corporation ATF1504AS-15QC100 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ATF1504AS(Z)
9
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
AC Characteristics
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
PD1
Input or Feedback to
Non-Registered Output
7.5
10
3
15
20
25
ns
t
PD2
I/O Input or Feedback to
Non-Registered Feedback
79
3
12
16
25
ns
t
SU
Global Clock Setup Time
6
711
16
20
ns
t
H
Global Clock Hold Time
0
0
000
ns
t
FSU
Global Clock Setup Time of
Fast Input
3
3
335
ns
t
FH
Global Clock Hold Time of
Fast Input
0.5
0.5
1.0
1.5
2
MHz
t
COP
Global Clock to Output Delay
4.5
5
8
10
13
ns
t
CH
Global Clock High Time
3
4
567
ns
t
CL
Global Clock Low Time
3
4
567
ns
t
ASU
Array Clock Setup Time
3
3
445
ns
t
AH
Array Clock Hold Time
2
3
456
ns
t
ACOP
Array Clock Output Delay
7.5
101520
25
ns
t
ACH
Array Clock High Time
3
46
8
10
ns
t
ACL
Array Clock Low Time
3
46
8
10
ns
t
CNT
Minimum Clock Global Period
8
101317
22
ns
f
CNT
Maximum Internal Global
Clock Frequency
125
100
76.9
66
50
MHz
t
ACNT
Minimum Array Clock Period
8
101317
22
ns
f
ACNT
Maximum Internal Array
Clock Frequency
125
100
76.9
66
50
MHz
(continued)
= Preliminary Information


Similar Part No. - ATF1504AS-15QC100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-15QC100 ATMEL-ATF1504AS-15QC100 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-15QC100 ATMEL-ATF1504AS-15QC100 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-15QC100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com