Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78918 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS78918
Description  ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78918 Datasheet(HTML) 1 Page - Texas Instruments

  TPS78918 Datasheet HTML 1Page - Texas Instruments TPS78918 Datasheet HTML 2Page - Texas Instruments TPS78918 Datasheet HTML 3Page - Texas Instruments TPS78918 Datasheet HTML 4Page - Texas Instruments TPS78918 Datasheet HTML 5Page - Texas Instruments TPS78918 Datasheet HTML 6Page - Texas Instruments TPS78918 Datasheet HTML 7Page - Texas Instruments TPS78918 Datasheet HTML 8Page - Texas Instruments TPS78918 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS78915, TPS78918, TPS78925, TPS78928, TPS78930
ULTRALOW-POWER LOW-NOISE 100-mA
LOW-DROPOUT LINEAR REGULATORS
SLVS300A – SEPTEMBER 2000 – REVISED MAY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 100-mA Low-Dropout Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 2.8-V, 3.0-V
D Output Noise Typically 56 µVRMS
(TPS78930)
D Only 17 µA Quiescent Current at 100 mA
D 1 µA Quiescent Current in Standby Mode
D Dropout Voltage Typically 115 mV at 100 mA
(TPS78930)
D Over Current Limitation
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The TPS789xx family of low-dropout (LDO)
voltage
regulators
offers
the
benefits
of
low-dropout voltage, ultralow-power operation,
low-output noise, and miniaturized packaging.
These regulators feature low-dropout voltages
and ultralow quiescent current compared to
conventional LDO regulators. An internal resistor,
in conjunction with an external bypass capacitor,
creates a low-pass filter to reduce the noise. The
TPS78930 exhibits only 56
µVRMS of output
voltage noise using 0.01
µF bypass and 10 µF
output capacitors. Offered in a 5-terminal small
outline integrated-circuit SOT-23 package, the
TPS789xx
series
devices
are
ideal
for
micropower operations, low output noise, and
where board space is limited.
The usual PNP pass transistor has been replaced
by a PMOS pass element. Because the PMOS
pass element behaves as a low-value resistor, the
dropout voltage is very low, typically 115 mV at
100 mA of load current (TPS78930), and is
directly proportional to the load current. The
quiescent current is ultralow (17
µA typically) and
is stable over the entire range of output load
current (0 mA to 100 mA). Intended for use in
portable systems such as laptops and cellular
phones, the ultralow-dropout voltage feature and
ultralow-power operation result in a significant
increase in system battery operating life.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
BYPASS
f – Frequency – Hz
1k
10k
100k
IO = 1 mA
VI = 4 V
Co = 4.7 µF
C(byp) = 0.1 µF
0
1000
200
400
600
1200
800
100
IO = 100 mA
TPS78930
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
TJ – Junction Temperature – °C
14
21
TPS78930
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 4 V
Co = 4.7 µF
20
19
18
17
16
15
IO = 1 mA
IO = 100 mA
–40
5
–25
20
35
65
110 125
50
–10
80
95


Similar Part No. - TPS78918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78918 TI-TPS78918 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78918DBVR TI-TPS78918DBVR Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78918DBVT TI-TPS78918DBVT Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS78918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS789 TI-TPS789 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com