Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504AS-15JC84 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1504AS-15JC84
Description  High- Performance EE CPLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-15JC84 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1504AS-15JC84 Datasheet HTML 4Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 5Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 6Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 9Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 10Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 11Page - ATMEL Corporation ATF1504AS-15JC84 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ATF1504ASZ
8
Note:
Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pf.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0
°C - 70°C-40°C - 85°C
V
CCINT or VCCIO (5V) Power Supply
5V
± 5%
5V
± 10%
V
CCIO (3.3V) Power Supply
3.0V - 3.6V
3.0V - 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
V
IN = VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
I
OZ
Tri-State Output
Off-State Current
V
O = VCC or GND
-40
40
µA
I
CC1
Power Supply Current,
Stand-by
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
120
mA
Ind.
150
mA
“Z” Mode
Com.
100
µA
Ind.
100
µA
I
CC2
Power Supply Current,
Power Down Mode
V
CC = Max
V
IN = 0, VCC
“PD” Mode
4
10
mA
I
OS
Output Short Circuit
Current
V
OUT = 0.5V
-150
mA
V
CCIO
Supply Voltage
5.0V Device Output
Com.
4.75
5.25
V
Ind.
4.5
5.5
V
V
CCIO
Supply Voltage
3.3V Device Output
3.0
3.6
V
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
2.0
V
CCINT +
0.3
V
V
OL
Output Low Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOL = 12 mA
Com.
0.45
V
Ind.
V
OH
Output High Voltage
V
IN = VIH or VIL
V
CCIO = MIN, IOH = -4.0 mA
2.4
V
Pin Capacitance
Typ
Max
Units
Conditions
C
IN
810
pF
V
IN = 0V; f = 1.0 MHz
C
I/O
810
pF
V
OUT = 0V; f = 1.0 MHz


Similar Part No. - ATF1504AS-15JC84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-15JC84 ATMEL-ATF1504AS-15JC84 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-15JC84 ATMEL-ATF1504AS-15JC84 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-15JC84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com