Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1840210102MW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1840210102MW
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840210102MW Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1840210102MW Datasheet HTML 1Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 2Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 3Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 4Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 5Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 6Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 7Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 8Page - Vishay Siliconix MKP1840210102MW Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MKP 1840 M
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26018
150
Revision: 01-Jul-10
RECOMMENDED PACKAGING
Notes
(1) S = box size 55 mm x 210 mm x 340 mm (w x h x l)
(2) L = box size 60 mm x 360 mm x 510 mm (w x h x l)
EXAMPLE OF ORDERING CODE
METALLIZED POLYPROPYLENE FILM CAPACITOR, MKP 1840 PCM5, MINI VERSION (-5M)
Notes
(1) Not suitable for mains applications
(2) S = box size 55 mm x 210 mm x 340 mm (w x h x l)
• Further C-values upon request
EXAMPLE OF ORDERING CODE
LETTER
CODE
TYPE OF
PACKAGING
HEIGHT (H)
(mm)
REEL
DIAMETER
(mm)
ORDERING CODE
EXAMPLES
PITCH
≤ 15
PITCH
22.5 - 27.5
PITCH
37.5
G
Ammo
18.5
S (1)
MKP 1840-410-404-G
x
-
-
W
Reel
18.5
350
MKP 1840-410-404-W
x
-
-
V
Reel
18.5
500
MKP 1840-510-254-V
-
x
-
G
Ammo
18.5
L (2)
MKP 1840-510-254-G
-
x
-
-
Bulk
-
-
MKP 1840-510-254-M
x
x
x
TYPE
CAPACITANCE CODE
VOLTAGE CODE
TOLERANCE CODE
MINI
PACKAGING CODE
MKP 1840
447
63
4
M
G
Tolerance codes: 4 = 5 % (J); 3 = 2.5 % (H)
CAPACITANCE
CAPACITANCE
CODE
VOLTAGE CODE 25
250 VDC/160 VAC
VOLTAGE CODE 40
400 VDC/220 VAC (1)
VOLTAGE CODE 63
630 VDC/250 VAC(1)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
w
(mm)
h
(mm)
l
(mm)
PITCH
(mm)
dt = 0.5 ± 0.05
3300 pF
-233
-
-
-
-
----
3.5
8.5
7.5
5.0
4700 pF
-247
-
-
-
-
----
3.5
8.5
7.5
5.0
6800 pF
-268
-
-
-
-
----
4.5
9.5
7.5
5.0
0.01 µF
-310
-
-
-
-
----
4.5
9.5
7.5
5.0
0.015 µF
-315
-
-
-
-
4.5
9.5
7.5
5.0
5.5
11.5
7.5
5.0
0.022 µF
-322
-
-
-
-
4.5
9.5
7.5
5.0
----
0.033 µF
-333
-
-
-
-
5.5
11.5
7.5
5.0
----
0.047 µF
-347
4.5
9.5
7.5
5
5.5
11.5
7.5
5.0
----
0.068 µF
-368
5.0
10.0
7.5
5
--------
0.10 µF
-410
5.5
11.5
7.5
5
--------
LETTER CODE
TYPE OF PACKAGING
HEIGHT (H)
(mm)
REEL DIAMETER
(mm)
ORDERING CODE EXAMPLE
PITCH 5
G
Ammo
18.5
S (2)
MKP 1840-310/404-5MG
X
W
Reel
18.5
350
MKP 1840-310/404-5MW
X
-
Bulk
-
-
MKP 1840-310/404-5M
X
TYPE
CAPACITANCE CODE
VOLTAGE CODE
TOLERANCE CODE
MINI
PACKAGING CODE
MKP 1840
347
25
4
5M
G
Tolerance codes: 4 = 5 % (J); 3 = 2.5 % (H)


Similar Part No. - MKP1840210102MW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840210102MW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com