Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO3310-701ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPO3310-701ML
Description  SMT Power Inductors - LPO3310
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO3310-701ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPO3310-701ML Datasheet HTML 1Page - Coilcraft lnc. LPO3310-701ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - LPO3310 Series
Document 352-2
Document 352-2 Revised 10/14/08
Typical L vs Frequency
Typical L vs Current
0.1
1
10
100
0.01
0.1
110
Current (A)
1.0 µH
10 µH
47 µH
0.3 µH
0.1
1
10
100
0.01
0.1
110
Frequency (MHz)
1.0 µH
10 µH
47 µH
0.3 µH
0.130 ±0.008
3,3 ±0,2
0.130 ±0.008
3,3 ±0,2
0.040 ±0.004
1,0 ± 0,1
Recommended
Land Pattern
0.040 ±0.05
1,02 ±0,127
0.148
3,76
0.056
1,42
0.106
2,68
Dash
number
Internal
code
XXX X
Winding
direction
Irms Derating
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - LPO3310-701ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO3310-701ML COILCRAFT-LPO3310-701ML Datasheet
204Kb / 2P
   SMT Power Inductors
LPO3310-701ML COILCRAFT-LPO3310-701ML Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-701ML COILCRAFT-LPO3310-701ML Datasheet
154Kb / 2P
   SMT Power Inductors
LPO3310-701MLB COILCRAFT-LPO3310-701MLB Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-701MLC COILCRAFT-LPO3310-701MLC Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
More results

Similar Description - LPO3310-701ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO3310 COILCRAFT-LPO3310 Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
LPO3310-222MXC COILCRAFT-LPO3310-222MXC Datasheet
119Kb / 2P
   SMT Power Inductors - LPO3310
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com