Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA103L Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA103L
Description  8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA103L Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA103L Datasheet HTML 1Page - ATMEL Corporation ATMEGA103L Datasheet HTML 2Page - ATMEL Corporation ATMEGA103L Datasheet HTML 3Page - ATMEL Corporation ATMEGA103L Datasheet HTML 4Page - ATMEL Corporation ATMEGA103L Datasheet HTML 5Page - ATMEL Corporation ATMEGA103L Datasheet HTML 6Page - ATMEL Corporation ATMEGA103L Datasheet HTML 7Page - ATMEL Corporation ATMEGA103L Datasheet HTML 8Page - ATMEL Corporation ATMEGA103L Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATmega603(L) and ATmega103(L)
4
first access cycle, and the AD0-7 pins are used for data
during the second access cycle.
AV
CC
This is the supply voltage to the A/D Converter. It should be
externally connected to VCC via a low-pass filter. See
page 53 for details on operation of the ADC.
AREF
This is the analog reference input for the ADC converter.
For ADC operations, a voltage in the range AGND to AVCC
must be applied to this pin.
AGND
If the board has a separate analog ground plane, this pin
should be connected to this ground plane. Otherwise, con-
nect to GND.
PEN
This is a programming enable pin for the low-voltage serial
programming mode. By holding this pin low during a power-
on reset, the device will enter the serial programming
mode.
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an
inverting amplifier which can be configured for use as an
on-chip oscillator, as shown in Figure 2. Either a quartz
crystal or a ceramic resonator may be used. To drive the
device from an external clock source, XTAL2 should be left
unconnected while XTAL1 is driven as shown in Figure 3.
For the Timer Oscillator pins, OSC1 and OSC2, the crystal
is connected directly between the pins. No external capaci-
tors are needed. The oscillator is optimized for use with a
32,768Hz watch crystal. An external clock signal applied to
this pin goes through the same amplifier having a band-
width of 256kHz. The external clock signal should therefore
be in the interval 0Hz - 256kHz.
Figure 2. Oscillator Connections
Figure 3. External Clock Drive Configuration
ATmega603/103 Architectural Overview
The fast-access register file contains 32 x 8-bit general pur-
pose working registers with a single clock cycle access
time. This means that during one single clock cycle, one
ALU (Arithmetic Logic Unit) operation is executed. Two
operands are output from the register file, the operation is
executed, and the result is stored back in the register file -
in one clock cycle.
Six of the 32 registers can be used as three 16-bit indirect
address register pointers for Data Space addressing -
enabling efficient address calculations. One of the three
address pointers is also used as the address pointer for the
constant table look up function. These added function reg-
isters are the 16-bit X-register, Y-register and Z-register.
The ALU supports arithmetic and logic functions between
registers or between a constant and a register. Single reg-
ister operations are also executed in the ALU. Figure 4
shows the ATmega603/103 AVR Enhanced RISC micro-
controller architecture.
In addition to the register operation, the conventional mem-
ory addressing modes can be used on the register file as
well. This is enabled by the fact that the register file is
assigned the 32 lowermost Data Space addresses, allow-
ing them to be accessed as though they were ordinary
memory locations.
The I/O memory space contains 64 addresses for CPU
peripheral functions as Control Registers, Timer/Counters,
A/D-converters, and other I/O functions. The I/O Memory
can be accessed directly, or as the Data Space locations
following those of the register file, $20 - $5F.
C2
XTAL2
GND
XTAL1
C1
XTAL2
XTAL1
GND
NC
EXTERNAL
OSCILLATOR
SIGNAL


Similar Part No. - ATMEGA103L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103L ATMEL-ATMEGA103L Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103L-4AC ATMEL-ATMEGA103L-4AC Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103L-4AI ATMEL-ATMEGA103L-4AI Datasheet
2Mb / 141P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA103L ATMEL-ATMEGA103L_14 Datasheet
46Kb / 4P
   Wake-up from Power Save Executes Instructions before Interrupt
More results

Similar Description - ATMEGA103L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640V ATMEL-ATMEGA640V_11 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549NS-AVR-05/11
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com