Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1830-A360 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 1830-A360
Description  Protection Assembly, Rail Mounted
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1830-A360 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  1830-A360 Datasheet HTML 1Page - Bourns Electronic Solutions 1830-A360 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
MM
(INCHES)
DIMENSIONS:
Example: 1830-A261
How To Order
Model Number Designator
Number of Protected T1 Lines1
1 = One line (two protectors)
2 = Two lines (four protectors)
3 = Three lines (six protectors)
4 = Four lines (eight protectors)
5 = Five lines (ten protectors)
Rail Length
1 = 2.8” long - Accommodates one pair of protectors without ground wire clamp
2 = 4.2” long - Accommodates one pair of protectors with ground wire clamp
3 = 5.6” long - Accommodates two pair of protectors with ground wire clamp
4 = 7.0” long - Accommodates three pair of protectors with ground wire clamp
5 = 8.4” long - Accommodates four pair of protectors with ground wire clamp
6 = 9.8” long - Accommodates five pair of protectors with ground wire clamp
Without ground wire clamp, use next shorter rail.
For smaller spaces, use next shorter rail.
(Rail mounting screw heads will be partially hidden under clamps.)
Ground Wire Clamp and 24” AWG #12 Insulated Ground Wire
0 = Without clamp and wire
1 = With clamp and wire
Notes:
1
Two protectors are required for each T1 line, one for transmit and one for receive.
Slots in rail are .21” wide; will accomodate #10 screw. Drill enlarge for bigger screw.
1830-A X
X
X
Model 1830-A T1/E1 Protection Assembly, Rail Mounted
Product Dimensions
TIP
RING
TIP
RING
TIP
RING
TIP
RING
83.0
(3.3)
48.0
(1.9)
45.72
(1.8)
18.80
(.74)


Similar Part No. - 1830-A360

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1830-A360 BOURNS-1830-A360 Datasheet
414Kb / 2P
   T1/E1 Protection Assembly, Rail Mounted
More results

Similar Description - 1830-A360

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1830-A BOURNS-1830-A Datasheet
414Kb / 2P
   T1/E1 Protection Assembly, Rail Mounted
logo
Aavid, Thermal Division...
MAX03NG AAVID-MAX03NG Datasheet
143Kb / 3P
   Rail Mounted Clips
logo
WAGO Kontakttechnik Gmb...
2002-4157 WAGO-2002-4157 Datasheet
687Kb / 20P
   Quadruple-deck rail-mounted terminal block; Rail-mounted terminal block
23.11.2021
logo
List of Unclassifed Man...
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
1039900000 ETC1-1039900000 Datasheet
100Kb / 2P
   Rail Mounted Terminal Blocks
9532440000 ETC1-9532440000 Datasheet
94Kb / 2P
   Rail Mounted Terminal Blocks
1039980000 ETC1-1039980000 Datasheet
98Kb / 2P
   Rail Mounted Terminal Blocks
9503310000 ETC1-9503310000 Datasheet
97Kb / 2P
   Rail Mounted Terminal Blocks
C25A1P ETC2-C25A1P Datasheet
102Kb / 2P
   DIN Rail Mounted Circuit Breakers
PR3000 ETC2-PR3000 Datasheet
80Kb / 2P
   DIN RAIL MOUNTED PRESSURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com