Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3316T-103L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3316T-103L
Description  SMT Power Inductors ??DO3316T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316T-103L Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3316T-103L Datasheet HTML 1Page - Coilcraft lnc. DO3316T-103L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
HIGH TEMPERA
TURE
0.1
1
10
100
1000
0.1
1
100
10
Current (A)
470 µH
100 µH
22 µH
4.7 µH
1µH
SMT Power Inductors– DO3316T Series
Typical L vs Current
Typical L vs Frequency
Document 365-2
Internal code
0.330
8,38
0.390
9,91
max
0.250
6,35
max
0.150
3,81
0.120
3,05
typ
0.520
13,21
0.460
11,68
max
max
0.360
9.14
min
Dash number
Recommended
Land Pattern
0.060
1,52
0.160
4,06
0.400
10,16
At 25°C ambient
0.1
1
10
100
1000
0.1
1
100
10
Frequency (MHz)
470 µH
100 µH
22 µH
4.7 µH
1µH
Current Derating
0.1
1
10
100
1000
0.1
1
100
10
Current (A)
1µH
4.7 µH
22 µH
100 µH
470 µH
At 125°C ambient
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
-40 -20
020406080
100
180
160
140
120
Isat
Irms
Dimensions are in
inches
mm
Document 365-2 Revised 09/25/12


Similar Part No. - DO3316T-103L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316T-103L COILCRAFT-DO3316T-103L Datasheet
203Kb / 2P
   SMT Power Inductors ??DO3316T
More results

Similar Description - DO3316T-103L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316T-473MLD COILCRAFT-DO3316T-473MLD Datasheet
246Kb / 2P
   SMT Power Inductors - DO3316T
DO3316T-223MLB COILCRAFT-DO3316T-223MLB Datasheet
203Kb / 2P
   SMT Power Inductors ??DO3316T
DO3316T-223MLB COILCRAFT-DO3316T-223MLB Datasheet
248Kb / 2P
   SMT Power Inductors . DO3316T
DO3316T COILCRAFT-DO3316T_15 Datasheet
451Kb / 2P
   SMT Power Inductors ??DO3316T
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com