Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4FAAH0-0-B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NE4FAAH0-0-B
Description  N e u t r i k 짰 P a r t N u m b e r G u i d e
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NE4FAAH0-0-B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NE4FAAH0-0-B Datasheet HTML 6Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 7Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 8Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 9Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 10Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 11Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 12Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 13Page - List of Unclassifed Manufacturers NE4FAAH0-0-B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
XLR
Chassis
Connectors
15
www .neutrik.com
A Series
Smallest XLR receptacles, highest packing density
Plastic housing, steel retention lug
Fork type female contacts
Polished contact areas and hard gold plating
Various grounding options
AA Series
NC5FAV
NC3MAV-0
NC5FAH
NC3FAAH
NC3FAAV-0
NC5MAH
Front panel cutout and PCB layout 100% compatible to the
A Series
Most cost-effective series
"Tulip"type female contact design with high contact pressure
Selective gold plated contact and PCB termination area for
best conductivity and solderability
Plastic housing flammability UL 94 HB
Grounding Options (A / AA / B / BA Series):
1 ... Pin 1 & Panel & Shell connected, no separate ground contact
2 ... Separate ground contact connected to shell & panel, separate Pin 1
w/o number: No ground / Shell contact (except 4 / 5 pole)
NC3FAH1
NC3MAHR
NC3FAAV2
NC3MAAH-1
t
o
identify
the
original


Similar Part No. - NE4FAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
NEC
NE41137 NEC-NE41137 Datasheet
208Kb / 2P
   N-CHANNEL GAASDUAL-GATE MESFET
NE416 NEC-NE416 Datasheet
579Kb / 13P
   NPN MEDIUM POWER UHF-VHF TRANSISTOR
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210M01 RENESAS-NE4210M01 Datasheet
193Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1998
logo
NEC
NE4210M01-T1 NEC-NE4210M01-T1 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE4FAAH0-0-B

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
   I N R U S H C U R R E N T L I M I T E R S
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
E-Tech Electronics LTD
GSBAS70-A-C-S ETL-GSBAS70-A-C-S Datasheet
175Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 7 0 V, C U R R E N T 7 0mA
logo
Linx Technologies
TXM-418 LINX-TXM-418 Datasheet
178Kb / 12P
   R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
   S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com