Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8B-10SI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF20V8B-10SI
Description  High- Performance EE PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8B-10SI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF20V8B-10SI Datasheet HTML 3Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 4Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 9Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 10Page - ATMEL Corporation ATF20V8B-10SI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ATF20V8B
7
Note:
1. Only applicable for version 3.4 or lower.
ATF20V8B Registered Mode
PAL Device Emulation / PAL Replacement
The registered mode is used if one or more registers are
required. Each macrocell can be configured as either a reg-
istered or combinatorial output or I/O, or as an input. For a
registered output or I/O, the output is enabled by the OE
pin, and the register is clocked by the CLK pin. Eight prod-
uct terms are allocated to the sum term. For a combinato-
rial output or I/O, the output enable is controlled by a
product term, and seven product terms are allocated to the
sum term. When the macrocell is configured as an input,
the output enable is permanently disabled.
Any register usage will make the compiler select this mode.
The following registered devices can be emulated using
this mode:
20R8 20RP8
20R6 20RP6
20R4 20RP4
Registered Mode Operation
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P20V8R
P20V8C
P20V8
P20V8
CUPL
G20V8MS
G20V8MA
G20V8
G20V8A
LOG/iC
GAL20V8_R(1)
GAL20V8_C7(1)
GAL20V8_C8(1)
GAL20V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL20V8
PLDesigner
P20V8
P20V8
P20V8
P20V8
Tango-PLD
G20V8
G20V8
G20V8
G20V8


Similar Part No. - ATF20V8B-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-10SI ATMEL-ATF20V8B-10SI Datasheet
667Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF20V8B-10SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com