Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3316P-333L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO3316P-333L
Description  SMT Power Inductors ??DO3316P Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316P-333L Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO3316P-333L Datasheet HTML 1Page - Coilcraft lnc. DO3316P-333L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMTPowerInductors–DO3316P Series
Document 179-1
Document 179-1 Revised 09/25/12
DCR
SRF
Part
L2
Percent max
typ4 Isat5 Irms6
number1
(µH)
tol3 (Ohms) (MHz) (A)
(A)
DO3316P-102ML_
1.0
20
0.009 100
9.0
6.8
DO3316P-152ML_
1.5
20
0.010
90
8.0
6.4
DO3316P-222_L_
2.2
20,10 0.012
80
7.0
6.1
DO3316P-332_L_
3.3
20,10 0.015
65
6.4
5.4
DO3316P-472_L_
4.7
20,10 0.018
45
5.4
4.8
DO3316P-682_L_
6.8
20,10 0.027
38
4.6
4.4
DO3316P-103_L_ 10
20,10 0.038
30
3.8
3.9
DO3316P-153_L_ 15
20,10 0.046
27
3.0
3.1
DO3316P-223_L_ 22
20,10 0.085
19
2.3
2.7
DO3316P-333_L_ 33
20,10 0.10
15
2.0
2.1
DO3316P-473_L_ 47
20,10 0.14
12
1.6
1.8
DO3316P-683_L_ 68
20,10 0.20
10
1.4
1.5
DO3316P-104_L_ 100
20,10 0.28
9
1.2
1.3
DO3316P-154_L_ 150
20,10 0.40
6
1.0
1.0
DO3316P-224_L_ 220
20,10 0.61
5
0.80 0.80
DO3316P-334_L_ 330
20,10 1.02
4.5 0.60 0.60
DO3316P-474_L_ 470
20,10 1.27
3.5 0.50 0.50
DO3316P-684_L_ 680
20,10 2.02
2.5 0.40 0.40
DO3316P-105_L_1000
20,10 3.00
2.0 0.30 0.30
DO3316P-155_L_1500
20,10 4.49
1.7 0.29 0.27
DO3316P-335_L_3300
20,10 8.97
1.1 0.19 0.17
1. When ordering, specify
tolerance, termination and packaging codes:
DO3316P-105MLD
Tolerance:
M = 20%, K = 10% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging:
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP 4263B LCR
meter or equivalent.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF >13 MHz measured using Agilent/HP 8753D network analyzer;
<13 MHz using Agilent/HP 4192A.
5. DC current at which inductance drops 10% (typ) from its value without
current.
6. Current that causes a 40°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C378 contains 3 of each 20% part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant gold over nickel over phos bronze.
Other terminations available at additional cost.
Weight 0.92– 1.23 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000 per 13
″ reel Plastic tape: 24 mm wide,
0.33 mm thick, 12 mm pocket spacing, 5.8 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• High energy storage and very low resistance
• High inductance values are perfect for EL driver applications.


Similar Part No. - DO3316P-333L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-333L COILCRAFT-DO3316P-333L Datasheet
208Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-333L COILCRAFT-DO3316P-333L Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
More results

Similar Description - DO3316P-333L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-224MLB COILCRAFT-DO3316P-224MLB Datasheet
210Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-223MLB COILCRAFT-DO3316P-223MLB Datasheet
215Kb / 2P
   SMT Power Inductors - DO3316P Series
DO3316P-332 COILCRAFT-DO3316P-332 Datasheet
208Kb / 2P
   SMT Power Inductors ??DO3316P Series
DO3316P-105MLD COILCRAFT-DO3316P-105MLD Datasheet
249Kb / 2P
   SMT Power Inductors DO3316P Series
DO3316P-102 COILCRAFT-DO3316P-102 Datasheet
210Kb / 2P
   SMT Power Inductors ??DO3316P Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com