Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1813H-332ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO1813H-332ML
Description  SMT Power Inductors ??DO1813H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1813H-332ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO1813H-332ML Datasheet HTML 1Page - Coilcraft lnc. DO1813H-332ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMT Power Inductors - DO1813H Series
TypicalLvsFrequency
TypicalLvsCurrent
Document 207-2
Document 207-2 Revised 10/08/08
IrmsDerating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.050
1,27
0.180
4,57
0.197
5,0
dia
max
0.275
6,98
0.075
1,91
0.160
4,06
Recommended
Land Pattern
0.350
8,89
0.230
5,84
0.090
2.29
max
typ
max
0.080 ±0.010
2,03 ±0,25
0.100
2,54
body
leads, based on -561
Note:
0.240
6,10
Dash number
Internal code
max
See
note
Dimensions are in
inches
mm


Similar Part No. - DO1813H-332ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1813H-332ML COILCRAFT-DO1813H-332ML Datasheet
230Kb / 2P
   SMT Power Inductors
DO1813H-332ML COILCRAFT-DO1813H-332ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-332ML COILCRAFT-DO1813H-332ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-332ML COILCRAFT-DO1813H-332ML Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-332ML COILCRAFT-DO1813H-332ML Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results

Similar Description - DO1813H-332ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1813H-153MLD COILCRAFT-DO1813H-153MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H COILCRAFT-DO1813H_15 Datasheet
495Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-153MLD COILCRAFT-DO1813H-153MLD Datasheet
380Kb / 2P
   SMT Power Inductors ??DO1813H Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com