Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31C Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM31C
Description  for Flow/Reflow Soldering GRM15/18/21/31 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31C Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM31C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM31C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
High Dielectric Type
Temperature
Cycle
15
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (10). Perform the five cycles
according to the four heat treatments listed in the following
table. Let sit for 24
T2 hours (temperature compensating type)
or 48
T4 hour (high dielectric constant type) at room
temperature, then measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150 Y10
D for one hour and then
let sit for 48
T4 hours at room temperature.
Perform the initial measurement.
No marking defects
Within
T2.5% or T0.25pF
(Whichever is larger)
R6, R7 : Within
T7.5%
E4, F5 : Within
T20%
Appearance
The measured and observed characteristics should satisfy the
specifications in the following table.
More than 10,000M
Ω or 500Ω • F (Whichever is smaller)
Within
T2.5% or T0.25pF
(Whichever is larger)
30pFmin. : Q
U1000
30pFmax. : Q
U400W20C
C : Nominal Capacitance (pF)
Resistance
to
Soldering
Heat
14
Preheat the capacitor at 120 to 150
D for 1 minute.
Immerse the capacitor in a eutectic solder solution at 270
T5D
for 10
T0.5 seconds. Let sit at room temperature for 24T2 hours
(temperature compensating type) or 48
T4 hours (high dielectric
constant type), then measure.
#Initial measurement for high dielectric constant type
Perform a heat treatment at 150 Y10
D for one hour and then
let sit for 48
T4 hours at room temperature.
Perform the initial measurement.
*Preheating for GRM32/43/55
R6, R7 : Within
T7.5%
E4, F5 : Within
T20%
[R6, R7]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V :
0.05max. (C
F3.3µF)
0.1max. (C
U3.3µF)
[E4]
W.V. : 25Vmin. : 0.025max.
[F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.10µF)
: 0.09max. (C
U0.10µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3Vmax. : 0.15max.
Appearance
I.R.
No failure
Dielectric
Strength
Capacitance
Change
Q/D.F.
75% of the terminations are to be soldered evenly and
continuously.
Solderability of
Termination
13
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion).
Preheat at 80 to 120
D for 10 to 30 seconds. After preheating,
immerse in eutectic solder solution for 2
T0.5 seconds at
230
T5D.
No marking defects
Capacitance
Change
The measured and observed characteristics should satisfy the
specifications in the following table.
More than 10,000M
Ω or 500Ω • F (Whichever is smaller)
30pFmin. : Q
U1000
30pFmax. : Q
U400W20C
C : Nominal Capacitance (pF)
[R6, R7]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V
0.05max. (C
F3.3µF)
0.1max. (C
U3.3µF)
[E4]
W.V. : 25Vmin. : 0.025max.
[F5]
W.V. : 25Vmin.
: 0.05max. (C
F0.10µF)
: 0.09max. (C
U0.10µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3Vmax. : 0.15max.
I.R.
No failure
Dielectric
Strength
Q/D.F.
Step
1
2
100
D to 120D
170
D to 200D
1 min.
1 min.
Temperature
Time
Step
1234
Temp. (
D)
Time (min.)
Min.
Operating
Temp.
W0/Y3
Room
Temp.
Max.
Operating
Temp.
W3/Y0
Room
Temp.
30
T3
2 to 3
30
T3
2 to 3
Continued from the preceding page.
Continued on the following page.
W 0
W 0
GRM Series Specifications and Test Methods
24
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM31C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM31C ETC-GRM31C Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM31C MURATA-GRM31C Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM31C MURATA-GRM31C Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM31C MURATA-GRM31C Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM31C MURATA-GRM31C Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM31C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31C5C1E104JA01L MURATA-GRM31C5C1E104JA01L Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
List of Unclassifed Man...
HZ1206D102R-10 ETC2-HZ1206D102R-10 Datasheet
266Kb / 1P
   LAND PATTERNS FOR REFLOW SOLDERING
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
   Soldering methods : IR reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
   Only Reflow Soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com