Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504AS-10AI100 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1504AS-10AI100
Description  High- Performance EE CPLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS-10AI100 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1504AS-10AI100 Datasheet HTML 1Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 2Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 3Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 4Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 5Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 6Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 7Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 8Page - ATMEL Corporation ATF1504AS-10AI100 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ATF1504ASZ
4
TTL, SSI, MSI, LSI and classic PLDs. The ATF1504AS’s
enhanced routing switch matrices increase usable gate
count, and the odds of successful pin-locked design modifi-
cations.
The ATF1504AS has up to 68 bi-directional I/O pins and 4
dedicated input pins, depending on the type of device pack-
age selected. Each dedicated pin can also serve as a glo-
bal control signal; register clock, register reset or output
enable. Each of these control signals can be selected for
use individually within each macrocell.
Each of the 64 macrocells generates a buried feedback,
which goes to the global bus. Each input and I/O pin also
feeds into the global bus. The switch matrix in each logic
block then selects 40 individual signals from the global bus.
Each macrocell also generates a foldback logic term, which
goes to a regional bus. Cascade logic between macrocells
in the ATF1504AS allows fast, efficient generation of com-
plex logic functions. The ATF1504AS contains four such
logic chains, each capable of creating sum term logic with a
fan in of up to 40 product terms.
The ATF1504AS macrocell shown in Figure 1, is flexible
enough to support highly complex logic functions operating
at high speed. The macrocell consists of five sections:
product terms and product term select multiplexer;
OR/XOR/CASCADE logic; a flip-flop; output select and
enable; and logic array inputs.
Block Diagram
Unused product terms are automatically disabled by the
compiler to decrease power consumption. A Security Fuse,
w hen p r o g r ammed , pr ot ects th e cont ents o f th e
ATF1504AS. Two bytes (16-bits) of User Signature are
accessible to the user for purposes such as storing project
name, part number, revision or date. The User Signature is
accessible regardless of the state of the Security Fuse.
The ATF1504AS device is an In-System Programmable
(ISP) device. It uses the industry standard 4-pin JTAG
interface (IEEE Std. 1149.1), and is fully compliant with
JTAG’s Boundary Scan Description Language (BSDL). ISP
allows the device to be programmed without removing it
from the printed circuit board. In addition to simplifying the
manufacturing flow, ISP also allows design modifications to
be made in the field via software.


Similar Part No. - ATF1504AS-10AI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS-10AI100 ATMEL-ATF1504AS-10AI100 Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS-10AI100 ATMEL-ATF1504AS-10AI100 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
More results

Similar Description - ATF1504AS-10AI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com