Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812CS-562XJL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812CS-562XJL
Description  Chip Inductors ??1812CS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812CS-562XJL Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812CS-562XJL Datasheet HTML 1Page - Coilcraft lnc. 1812CS-562XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors – 1812CS Series (4532)
Document 105-2
Document 105-2 Revised 01/11/12
Typical Q vs Frequency
Typical L vs Frequency
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Pick and
place
material
A
B
C
D
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
0
10
20
30
40
110
1000
100
Frequency (MHz)
1.8 µH
8.2 µH
3.9 µH
15.0 µH
22.0 µH
33.0 µH
80
70
60
50
40
30
20
10
0
110
100
Frequency (MHz)
1.8 µH
3.9 µH
8.2 µH
15.0 µH
22.0 µH
33.0 µH
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.


Similar Part No. - 1812CS-562XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812CS-562XJL COILCRAFT-1812CS-562XJL Datasheet
217Kb / 2P
   Chip Inductors
1812CS-562XJL COILCRAFT-1812CS-562XJL Datasheet
101Kb / 2P
   Chip Inductors ??1812CS
1812CS-562XJLC COILCRAFT-1812CS-562XJLC Datasheet
143Kb / 2P
   Chip Inductors 1812CS
1812CS-562XJLC COILCRAFT-1812CS-562XJLC Datasheet
149Kb / 2P
   Chip Inductors ??1812CS (4532)
1812CS-562XJLC COILCRAFT-1812CS-562XJLC Datasheet
143Kb / 2P
   Chip Inductors . 1812CS (4532)
More results

Similar Description - 1812CS-562XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812CS-122XJLC COILCRAFT-1812CS-122XJLC Datasheet
101Kb / 2P
   Chip Inductors ??1812CS
1812CS-333XGLC COILCRAFT-1812CS-333XGLC Datasheet
143Kb / 2P
   Chip Inductors 1812CS
1812CS-333XJBC COILCRAFT-1812CS-333XJBC Datasheet
149Kb / 2P
   Chip Inductors ??1812CS (4532)
1812CS-272XGLB COILCRAFT-1812CS-272XGLB Datasheet
143Kb / 2P
   Chip Inductors . 1812CS (4532)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com