Electronic Components Datasheet Search |
|
1812CS-562XJL Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
1812CS-562XJL Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2014 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Chip Inductors–1812CS (4532) Document 105-1 Document 105-1 Revised 01/11/12 Inductance2 Percent SRF min5 DCR max6 Irms7 Part number1 (µH) tolerance3 Q min4 (MHz) (Ohms) (mA) 1812CS-102XJL_ 1.0 @ 7.9 MHz 5 60 @ 50 MHz 310 1.2 480 1812CS-122XJL_ 1.2 @ 7.9 MHz 5 62 @ 50 MHz 230 1.2 480 1812CS-152X_L_ 1.5 @ 7.9 MHz 5,2 65 @ 50 MHz 210 1.6 430 1812CS-182XJL_ 1.8 @ 7.9 MHz 5 68 @ 50 MHz 190 2.0 380 1812CS-222X_L_ 2.2 @ 7.9 MHz 5,2 63 @ 50 MHz 170 2.2 340 1812CS-272X_L_ 2.7 @ 7.9 MHz 5,2 63 @ 50 MHz 160 3.2 300 1812CS-332X_L_ 3.3 @ 7.9 MHz 5,2 65 @ 50 MHz 145 3.8 270 1812CS-392X_L_ 3.9 @ 7.9 MHz 5,2 69 @ 50 MHz 130 5.0 240 1812CS-472XJL_ 4.7 @ 7.9 MHz 5 63 @ 50 MHz 115 5.4 230 1812CS-562XJL_ 5.6 @ 7.9 MHz 5 59 @ 50 MHz 100 5.7 220 1812CS-682XJL_ 6.8 @ 7.9 MHz 5 60 @ 50 MHz 90 6.6 210 1812CS-822X_L_ 8.2 @ 7.9 MHz 5,2 47 @ 50 MHz 80 7.0 200 1812CS-103XJL_ 10 @ 7.9 MHz 5 36 @ 50 MHz 70 7.7 190 1812CS-123XJL_ 12 @ 2.5 MHz 5 35 @ 10 MHz 60 8.7 180 1812CS-153X_L_ 15 @ 2.5 MHz 5,2 34 @ 10 MHz 50 9.6 170 1812CS-183XJL_ 18 @ 2.5 MHz 5 30 @ 10 MHz 45 10.5 160 1812CS-223X_L_ 22 @ 2.5 MHz 5,2 32 @ 10 MHz 40 11.5 155 1812CS-273XJL_ 27 @ 2.5 MHz 5 29 @ 10 MHz 30 12.5 150 1812CS-333X_L_ 33 @ 2.5 MHz 5,2 20 @ 10 MHz 20 13.5 145 1. When ordering, specify tolerance, termination and packaging codes: 1812CS-333XGLC Tolerance: G = 2% J = 5% (Table shows stock tolerances in bold.) Termination: L = RoHS compliant silver-palladium-platinum-glass frit. E = Halogen free component. RoHS compliant silver- palladium-platinum-glass frit terminations. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 ″ machine-ready reel. EIA-481 embossed plastic tape (600 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 ″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (2200 parts per full reel). 2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/HP 4286A impedance analyzer with Coilcraft-provided correlation pieces. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test fixture. 5. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 6. DCR measured on a Cambridge Technology micro-ohmmeter and a Coilcraft CCF859 test fixture. 7. Current that causes a 15°C temperature rise from 25°C ambient. 8. Electrical specifications at 25°C. Refer to Soldering Coilcraft Components before soldering. Refer to RF Inductors – Color Coding for the explanation of color dots. • Higher SRF values than 1812 size parts with ferrite cores • 5% tolerances for all values • 19 inductance values from 1.0 to 33 µH RequestfreeevaluationsamplesbycontactingCoilcraft or visiting www.coilcraft.com. Designer’s Kit C337 contains 10 of each 5% part Core material Ceramic Environmental RoHS compliant, halogen free optional Terminations RoHS compliant silver-palladium-platinum-glass frit. Other terminations available at additional cost. Weight 109 – 128 mg Ambient temperature –40°C to +125°C with Irms current, +125°C to +140°C with derated current Storage temperature Component: –40°C to +140°C. Tape and reel packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) One per billion hours / one billion hours, calculated per Telcordia SR-332 Packaging 600 per 7 ″ reel; 2200 per 13″ reel. Plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth PCB washing Tested with pure water or alcohol only. For other solvents, see Doc787_PCB_Washing.pdf |
Similar Part No. - 1812CS-562XJL |
|
Similar Description - 1812CS-562XJL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |