Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM219 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM219
Description  for Flow/Reflow Soldering GRM15/18/21/31 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM219 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM219 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM219 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
11
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
Part Number
L x W [EIA]
TC
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
500
(
2H)
200
(
2D)
50
(
1H)
C0G
(
5C)
25
(
1E)
C0H
(
6C)
25
(
1E)
P2H
(
6P)
50
(
1H)
R2H
(
6R)
50
(
1H)
S2H
(
6S)
50
(
1H)
200
(
2D)
100
(
2A)
50
(
1H)
SL
(
1X)
25
(
1E)
T2H
(
6T)
50
(
1H)
GRM31
3.20x1.60 [1206]
U2J
(
7U)
50
(
1H)
27pF(
270)
1.15(
M)
33pF(
330)
1.15(
M)
39pF(
390)
1.15(
M)
47pF(
470)
1.15(
M)
56pF(
560)
1.15(
M)
68pF(
680)
1.15(
M)
82pF(
820)
1.15(
M)
270pF(
271)
1.15(
M)
330pF(
331)
1.15(
M)
390pF(
391)
1.15(
M)
470pF(
471)
1.15(
M)
560pF(
561)
1.15(
M)
680pF(
681)
0.85(
9)
1.15(
M)
820pF(
821)
0.85(
9)
0.85(
9)
1.15(
M)
1000pF(
102)
1.15(
M)
1.15(
M)
0.85(
9)
1.15(
M)
1200pF(
122)
1.15(
M)
1.15(
M)
1.15(
M)
1.15(
M)
1500pF(
152)
1.15(
M)
1.15(
M)
1.15(
M)
1800pF(
182)
1.15(
M)
2200pF(
222)
1.15(
M)
1.15(
M)
2700pF(
272)
1.15(
M)
1.15(
M)
3300pF(
332)
1.15(
M)
1.15(
M)
3900pF(
392)
1.15(
M)
0.85(
9)
1.15(
M)
0.85(
9)
4700pF(
472)
1.15(
M)
0.85(
9)
0.85(
9)
5600pF(
562)
0.85(
9)
0.85(
9)
0.85(
9)
6800pF(
682)
0.85(
9)
0.85(
9)
1.15(
M)
1.15(
M)
8200pF(
822)
0.85(
9)
1.15(
M)
1.15(
M)
1.15(
M)
10000pF(
103)
0.85(
9)
1.15(
M)
12000pF(
123)
1.15(
M)
15000pF(
153)
1.15(
M)
27000pF(
273)
0.85(
9)
33000pF(
333)
0.85(
9)
47000pF(
473)
1.15(
M)
56000pF(
563)
0.85(
9)
0.85(
9)
68000pF(
683)
1.15(
M)
1.15(
M)
82000pF(
823)
1.15(
M)
1.15(
M)
0.10
µF(104)
1.60(
C)
1.15(
M)
1.15(
M)
The part numbering code is shown in ( ).
Dimensions are shown in mm and Rated Voltage in Vdc.
High Dielectric Constant Type X5R (R6) Characteristics
TC
Part Number
L x W [EIA]
Rated Volt.
Capacitance (Capacitance part numbering code) and T (mm) Dimension (T Dimension part numbering code)
16
(
1C)
GRM15
1.00x0.50 [0402]
10
(
1A)
10
(
1A)
GRM18
1.60x0.80 [0603]
6.3
(
0J)
10
(
1A)
GRM21
2.00x1.25 [0805]
6.3
(
0J)
10
(
1A)
X5R
(
R6)
GRM31
3.20x1.60 [1206]
6.3
(
0J)
68000pF(
683)
0.50(
5)
0.10
µF(104)
0.50(
5)
0.50(
5)
0.33
µF(334)
0.80(
8)
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM219

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM219 ETC-GRM219 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM219 MURATA-GRM219 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM219

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31C5C1E104JA01L MURATA-GRM31C5C1E104JA01L Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
List of Unclassifed Man...
HZ1206D102R-10 ETC2-HZ1206D102R-10 Datasheet
266Kb / 1P
   LAND PATTERNS FOR REFLOW SOLDERING
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
   Soldering methods : IR reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
   Only Reflow Soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com