Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM155 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GRM155
Description  for Flow/Reflow Soldering GRM15/18/21/31 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM155 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GRM155 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM155 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
No.
Item
Specifications
Test Method
Temperature
Compensating Type
See the previous page.
Within the specified dimensions
No defects or abnormalities
More than 10,000M
Ω or 500Ω • F (Whichever is smaller)
Within the specified tolerance
(Table A)
30pFmin. : Q
U1000
30pFmax. : Q
U400+20C
C : Nominal Capacitance (pF)
Within the specified tolerance
No defects or abnormalities
Y55 to W125D
Operating
Temperature
Rated Voltage
Appearance
Dimensions
Dielectric Strength
Insulation
Resistance
Capacitance
Q/
Dissipation Factor
(D.F.)
Capacitance
Temperature
Characteristics
1
2
3
4
5
6
7
8
9
Using calipers on micrometer
The insulation resistance should be measured with a DC
voltage not exceeding the rated voltage at 25
D and 75%RH
max. and within 2 minutes of charging.
The capacitance/Q/D.F. should be measured at 25
D at the
frequency and voltage shown in the table.
(2) High Dielectric Constant Type
The ranges of capacitance change compared with the above
25
D value over the temperature ranges shown in the table
should be within the specified ranges.
The capacitance change should be measured after 5 min. at
each specified temperature stage.
(1) Temperature Compensating Type
The temperature coefficient is determined using the
Capacitance measured in step 3 as a reference.
When cycling the temperature sequentially from step 1 through
5 (C0
∆ : W25D to W125D : other temp. coeffs. : W25D to
W85D) the capacitance should be within the specified tolerance
for the temperature coefficient and capacitance change as
Table A.
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in steps
1, 3 and 5 by the capacitance value in step 3.
No failure should be observed when *300% of the rated voltage
(C0
∆ to U2J and SL) or *250% of the rated voltage (X5R, X7R,
Z5U and Y5V) is applied between the terminations for 1 to 5
seconds, provided the charge/discharge current is less than
50mA. *200% for 500V
Visual inspection
The rated voltage is defined as the maximum voltage which
may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, VP-P or VO-P,
whichever is larger, should be maintained within the rated
voltage range.
High Dielectric Type
R6 :
Y55 to W85D
R7 :
Y55 to W125D
E4 :
W10 to W85D
F5 :
Y30 to W85D
[R6, R7]
W.V. : 25Vmin. : 0.025max.
W.V. : 16/10V : 0.035max.
W.V. : 6.3V
0.05max.(C
F3.3µF)
0.1max.(C
U3.3µF)
[E4]
W.V. : 25Vmin. : 0.025max.
[F5]
W.V. : 25Vmin.
: 0.05max.(C
F0.10µF)
: 0.09max.(C
U0.10µF)
W.V. : 16V/10V : 0.125max.
W.V. : 6.3Vmax. : 0.15max.
R6 : Within
T15%
(
Y55 to W85D)
R7 : Within±15%
(
Y55 to W125D)
E4 : Within
W22/Y56%
(
W10 to W85D)
F5 : Within
W22/Y82%
(
Y30 to W85D)
Capacitance
Change
Temperature
Coefficient
Item
∆C to 7U, 1X
(1000pF and
below)
1
T0.1MHz
0.5 to 5Vrms
Frequency
Voltage
∆C to 7U, 1X
(more than
1000pF)
1
T0.1kHz
1
T0.2Vrms
Char.
R6, R7, F5
(10µF and below)
1
T0.1kHz
1
T0.2Vrms
R6, R7, F5
(more than 10µF)
120
T24Hz
0.5
T0.1Vrms
E4
1
T0.1kHz
0.5
T0.05Vrms
Step
1
25
T2
Temperature(
D)
2
Y55T3 (for ∆C to 7U/1X/R6/R7)
Y30T3 (for F5)
10
T3 (for E4)
3
25
T2
4
125
T3 (for ∆C/R7)
85
T3 (for other TC)
5
25
T2
Capacitance
Drift
Within the specified tolerance
(Table A)
Within
T0.2% or T0.05pF
(Whichever is larger.)
*Does not apply to 1X/25V
Continued on the following page.
GRM Series Specifications and Test Methods
22
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C02E10.pdf 04.1.20


Similar Part No. - GRM155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM155 ETC-GRM155 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM155

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31C5C1E104JA01L MURATA-GRM31C5C1E104JA01L Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors for Flow/Reflow Soldering GRM15/18/21/31 Series
logo
OSRAM GmbH
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
   Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
logo
List of Unclassifed Man...
HZ1206D102R-10 ETC2-HZ1206D102R-10 Datasheet
266Kb / 1P
   LAND PATTERNS FOR REFLOW SOLDERING
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
   Soldering methods : IR reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
   Only Reflow Soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com