Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C54A-10 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16C54A-10
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54A-10 Datasheet(HTML) 3 Page - Microchip Technology

  PIC16C54A-10 Datasheet HTML 1Page - Microchip Technology PIC16C54A-10 Datasheet HTML 2Page - Microchip Technology PIC16C54A-10 Datasheet HTML 3Page - Microchip Technology PIC16C54A-10 Datasheet HTML 4Page - Microchip Technology PIC16C54A-10 Datasheet HTML 5Page - Microchip Technology PIC16C54A-10 Datasheet HTML 6Page - Microchip Technology PIC16C54A-10 Datasheet HTML 7Page - Microchip Technology PIC16C54A-10 Datasheet HTML 8Page - Microchip Technology PIC16C54A-10 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 194 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS30453D-page 1
PIC16C5X
Devices Included in this Data Sheet:
•PIC16C54
• PIC16CR54
•PIC16C55
•PIC16C56
• PIC16CR56
•PIC16C57
• PIC16CR57
•PIC16C58
• PIC16CR58
High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle except for pro-
gram branches which are two-cycle
• Operating speed: DC - 40 MHz clock input
DC - 100 ns instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven or eight special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• Power-on Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip
RC oscillator for reliable operation
• Programmable Code Protection
• Power saving SLEEP mode
• Selectable oscillator options:
- RC:
Low cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High speed crystal/resonator
- LP:
Power saving, low frequency crystal
CMOS Technology:
• Low power, high speed CMOS EPROM/ROM tech-
nology
• Fully static design
• Wide operating voltage and temperature range:
- EPROM Commercial/Industrial 2.0V to 6.25V
- ROM Commercial/Industrial 2.0V to 6.25V
- EPROM Extended 2.5V to 6.0V
- ROM Extended 2.5V to 6.0V
• Low power consumption
- < 2 mA typical @ 5V, 4 MHz
-15
µA typical @ 3V, 32 kHz
- < 0.6
µA typical standby current
(with WDT disabled) @ 3V, 0
°C to 70°C
Note:
PIC16C5X refers to all revisions of the part
(i.e.,
PIC16C54
refers
to
PIC16C54,
PIC16C54A, and PIC16C54C), unless
specifically called out otherwise.
Device
Pins
I/O
EPROM/
ROM
RAM
PIC16C54
18
12
512
25
PIC16C54A
18
12
512
25
PIC16C54C
18
12
512
25
PIC16CR54A
18
12
512
25
PIC16CR54C
18
12
512
25
PIC16C55
28
20
512
24
PIC16C55A
28
20
512
24
PIC16C56
18
12
1K
25
PIC16C56A
18
12
1K
25
PIC16CR56A
18
12
1K
25
PIC16C57
28
20
2K
72
PIC16C57C
28
20
2K
72
PIC16CR57C
28
20
2K
72
PIC16C58B
18
12
2K
73
PIC16CR58B
18
12
2K
73
Note:
In this document, figure and table titles
refer to all varieties of the part number indi-
cated, (i.e., The title “Figure 15-1: Load
Conditions For Device Timing Specifica-
tions
-
PIC16C54A”,
also
refers
to
PIC16LC54A and PIC16LV54A parts),
unless specifically called out otherwise.
EPROM/ROM-Based 8-bit CMOS Microcontroller Series


Similar Part No. - PIC16C54A-10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C54A-10/P MICROCHIP-PIC16C54A-10/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A-10/SO MICROCHIP-PIC16C54A-10/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A-10/SS MICROCHIP-PIC16C54A-10/SS Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A-10E/P MICROCHIP-PIC16C54A-10E/P Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A-10E/SO MICROCHIP-PIC16C54A-10E/SO Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
More results

Similar Description - PIC16C54A-10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com