Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA163 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATMEGA163
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA163 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA163 Datasheet HTML 55Page - ATMEL Corporation ATMEGA163 Datasheet HTML 56Page - ATMEL Corporation ATMEGA163 Datasheet HTML 57Page - ATMEL Corporation ATMEGA163 Datasheet HTML 58Page - ATMEL Corporation ATMEGA163 Datasheet HTML 59Page - ATMEL Corporation ATMEGA163 Datasheet HTML 60Page - ATMEL Corporation ATMEGA163 Datasheet HTML 61Page - ATMEL Corporation ATMEGA163 Datasheet HTML 62Page - ATMEL Corporation ATMEGA163 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 187 page
background image
59
ATmega163(L)
1142E–AVR–02/03
on the following cycle of the timer clock, that is, the timer is always advanced by at
least one before the processor can read the counter value. After wake-up, the MCU
is halted for four clock cycles, it executes the interrupt routine, and resumes
execution from the instruction following SLEEP.
During asynchronous operation, the synchronization of the interrupt flags for the
asynchronous timer takes three processor cycles plus one timer cycle. The timer is
therefore advanced by at least one before the processor can read the timer value
causing the setting of the Interrupt Flag. The output compare pin is changed on the
timer clock and is not synchronized to the processor clock.
After waking up from Power-save mode with the asynchronous timer enabled, there
will be a short interval in which TCNT2 will read as the same value as before Power-
save mode was entered. After an edge on the asynchronous clock, TCNT2 will read
correctly (The compare and overflow functions of the Timer are not affected by this
behavior.). Safe procedure to ensure that the correct value is read:
1.
Write any value to either of the registers OCR2 or TCCR2.
2.
Wait for the corresponding Update Busy Flag to be cleared.
3.
Read TCNT2.
Note that OCR2 and TCCR2 are never modified by hardware, and will always read
correctly.


Similar Part No. - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega163 ATMEL-ATmega163 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA163 ATMEL-ATMEGA163_14 Datasheet
2Mb / 187P
   Nonvolatile Program and Data Memories
More results

Similar Description - ATMEGA163

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com