Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805KR-071KL Datasheet(PDF) 1 Page - YAGEO Corporation

Part # RC0805KR-071KL
Description  HIGH OHMIC CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0805KR-071KL Datasheet(HTML) 1 Page - YAGEO Corporation

  RC0805KR-071KL Datasheet HTML 1Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 2Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 3Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 4Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 5Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 6Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 7Page - YAGEO Corporation RC0805KR-071KL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
HIGH OHMIC CHIP RESISTORS
RC high ohmic series
20%, 10%, 5%
sizes 0805/1206
RoHS compliant


Similar Part No. - RC0805KR-071KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805KR-07 YAGEO-RC0805KR-07 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805KR-0727KL YAGEO-RC0805KR-0727KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805KR-07330RL YAGEO-RC0805KR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805KR-07470KL YAGEO-RC0805KR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
More results

Similar Description - RC0805KR-071KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0727KL YAGEO-RC0805JR-0727KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com