Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA161 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA161
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA161 Datasheet HTML 2Page - ATMEL Corporation ATMEGA161 Datasheet HTML 3Page - ATMEL Corporation ATMEGA161 Datasheet HTML 4Page - ATMEL Corporation ATMEGA161 Datasheet HTML 5Page - ATMEL Corporation ATMEGA161 Datasheet HTML 6Page - ATMEL Corporation ATMEGA161 Datasheet HTML 7Page - ATMEL Corporation ATMEGA161 Datasheet HTML 8Page - ATMEL Corporation ATMEGA161 Datasheet HTML 9Page - ATMEL Corporation ATMEGA161 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
ATmega161(L)
6
Architectural Overview
The fast-access register file concept contains 32 x 8-bit general purpose working registers with a single clock cycle access
time. This means that during one single clock cycle, one Arithmetic Logic Unit (ALU) operation is executed. Two operands
are output from the register file, the operation is executed, and the result is stored back in the register file – in one clock
cycle.
Six of the 32 registers can be used as three 16-bits indirect address register pointers for Data Space addressing – enabling
efficient address calculations. One of the three address pointers is also used as the address pointer for the constant table
look up function. These added function registers are the 16-bits X-register, Y-register and Z-register.
Figure 4. The ATmega161 AVR RISC Architecture
8K x 16
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registers
ALU
Status
and Control
Interrupt
Unit
SPI
Unit
8-bit
Timer/Counter
with PWM
and RTC
Watchdog
Timer
Analog
Comparator
32
I/O Lines
512 x 8
EEPROM
Data Bus 8-bit
AVR ATmega161 Architecture
Serial
UART0
16-bit
Timer/Counter
with PWM
8-bit
Timer/Counter
with PWM
1024 x 8
Data
SRAM
Serial
UART1


Similar Part No. - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA161 ATMEL-ATMEGA161 Datasheet
1Mb / 159P
   8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATmega161 ATMEL-ATmega161 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
ATMEGA161-4AC ATMEL-ATMEGA161-4AC Datasheet
1Mb / 159P
   8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATMEGA161-4AI ATMEL-ATMEGA161-4AI Datasheet
1Mb / 159P
   8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
ATMEGA161-4PC ATMEL-ATMEGA161-4PC Datasheet
1Mb / 159P
   8-bit Microcontroller with 16K Bytes of In-System Programmable Flash
More results

Similar Description - ATMEGA161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com