Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1516ASL-20QI160 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1516ASL-20QI160
Description  High Performance EE-Based CPLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516ASL-20QI160 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1516ASL-20QI160 Datasheet HTML 1Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 2Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 3Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 4Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 5Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 6Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 7Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 8Page - ATMEL Corporation ATF1516ASL-20QI160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ATF1516AS/L
4
Product Terms and Select MUX
Each ATF1516AS macrocell has five product terms. Each
product term receives as its inputs all signals from both the
global bus and regional bus.
The product term select multiplexer (PTMUX) allocates the
five product terms as needed to the macrocell logic gates
and control signals. The PTMUX programming is deter-
mined by the design compiler, which selects the optimum
macrocell configuration.
OR/XOR/CASCADE Logic
The ATF1516AS’s logic structure is designed to efficiently
support all types of logic. Within a single macrocell, all the
product terms can be routed to the OR gate, creating a 5-
input AND/OR sum term. With the addition of the CASIN
from neighboring macrocells, this can be expanded to as
many as 40 product terms with a very small additional
delay.
The macrocell’s XOR gate allows efficient implementation
of compare and arithmetic functions. One input to the XOR
comes from the OR sum term. The other XOR input can be
a product term or a fixed high or low level. For combinato-
rial outputs, the fixed level input allows polarity selection.
For registered functions, the fixed levels allow DeMorgan
minimization of product terms. The XOR gate is also used
to emulate T- and JK-type flip-flops.
Flip Flop
The ATF1516AS’s flip flop has very flexible data and con-
trol functions. The data input can come from either the
XOR gate, from a separate product term or directly from
the I/O pin. Selecting the separate product term allows cre-
ation of a buried registered feedback within a combinatorial
output macrocell. (This feature is automatically imple-
mented by the fitter software). In addition to D, T, JK and
SR operation, the flip flop can also be configured as a flow-
through latch. In this mode, data passes through when the
clock is high and is latched when the clock is low.
The clock itself can either be the Global CLK Signal (GCK)
or an individual product term. The flip flop changes state on
the clock’s rising edge. When the GCK signal is used as
the clock, one of the macrocell product terms can be
selected as a clock enable. When the clock enable function
is active and the enable signal (product term) is low, all
clock edges are ignored. The flip flop’s asynchronous reset
signal (AR) can be either the Global Clear (GCLEAR), a
product term, or always off. AR can also be a logic OR of
GCLEAR with a product term. The asynchronous preset
(AP) can be a product term or always off.
Output Select and Enable
The ATF1516AS macrocell output can be selected as reg-
istered or combinatorial. The buried feedback signal can be
either combinatorial or registered signal regardless of
whether the output is combinatorial or registered.
The output enable multiplexer (MOE) controls the output
enable signals. Any buffer can be permanently enabled for
simple output operation. Buffers can also be permanently
disabled to allow use of the pin as an input. In this configu-
ration all the macrocell resources are still available, includ-
ing the buried feedback, expander and CASCADE logic.
The output enable for each macrocell can be selected as
either of the two dedicated OE input pins as an I/O pin con-
figured as an input, or as an individual product term.
Global Bus/Switch Matrix
The global bus contains all input and I/O pin signals as well
as the buried feedback signal from all 256 macrocells.
The Switch Matrix in each Logic Block receives as its
inputs all signals from the global bus. Under software con-
trol, up to 40 of these signals can be selected as inputs to
the Logic Block.
Foldback Bus
Each macrocell also generates a foldback product term.
This signal goes to the regional bus and is available to 16
macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The 16 foldback terms in each
region allows generation of high fan-in sum terms (up to 21
product terms) with a small additional delay.


Similar Part No. - ATF1516ASL-20QI160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AE-10 ATMEL-ATF1516AE-10 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-5 ATMEL-ATF1516AE-5 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-7 ATMEL-ATF1516AE-7 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
More results

Similar Description - ATF1516ASL-20QI160

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
   High- Performance EE CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
   High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
   High-Performance CPLD
logo
ATMEL Corporation
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com