Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1840210104MG Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1840210104MG
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1840210104MG Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1840210104MG Datasheet HTML 4Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 5Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 6Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 7Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 8Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 9Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 10Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 11Page - Vishay Siliconix MKP1840210104MG Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MKP 1840 M
Vishay Roederstein AC and Pulse Metallized Polypropylene Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26018
154
Revision: 01-Jul-10
HEAT CONDUCTIVITY (G) AS A FUNCTION OF ORIGINAL PITCH AND CAPACITOR BODY
THICKNESS IN mW/°C
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of
the free air ambient temperature.
The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film
Capacitors” with the typical tgd of the curves.
The component temperature rise (
ΔT) can be measured (see section “Measuring the Component Temperature” for more details)
or calculated by
ΔT = P/G:
ΔT = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 5 mm
PITCH 7.5 mm
PITCH 10 mm
PITCH 15 mm
PITCH 22.5 mm PITCH 27.5 mm PITCH 37.5 mm
3.0
2.5
4.0
-
-
-
-
-
3.5
3.5
--
---
-
4.0
-
5.0
6.0
-
-
-
-
4.5
4.5
5.5
6.5
-
-
-
-
5.0
5.0
6.5
-
-
-
-
-
5.5
6.5
-
7.5
9.0
-
-
-
5.7
-
7.5
-
-
-
-
-
6.0
-
-
-
10.5
-
-
-
6.5
-
-
9.0
11.5
17.0
-
-
7.5
-
-
-
13.5
19.0
-
-
8.5
-
-
-
15.0
16.5
-
-
9.0
-
-
-
-
22.5
-
-
10.5
-
-
-
-
26.5
-
-
11.0
-
-
-
-
30.5
-
-
11.5
-
-
-
-
-
33.5
-
13.5
-
-
-
-
-
41.0
-
14.5
-
-
-
-
-
-
52.0
15.0
-
-
-
-
-
45.0
-
16.5
-
-
-
-
-
57.0
-
18.0
-
-
-
-
-
57.0
-
18.0
-
-
-
-
-
67.0
-
18.0
-
-
-
-
-
-
75.5
20.0
-
-
-
-
-
-
99.0


Similar Part No. - MKP1840210104MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-D VISHAY-MKP1840-310-405-D Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-F VISHAY-MKP1840-310-405-F Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-G VISHAY-MKP1840-310-405-G Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1840-310-405-W VISHAY-MKP1840-310-405-W Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results

Similar Description - MKP1840210104MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com